Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4917 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4917
Description  Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4917 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM4917 Datasheet HTML 7Page - Texas Instruments LM4917 Datasheet HTML 8Page - Texas Instruments LM4917 Datasheet HTML 9Page - Texas Instruments LM4917 Datasheet HTML 10Page - Texas Instruments LM4917 Datasheet HTML 11Page - Texas Instruments LM4917 Datasheet HTML 12Page - Texas Instruments LM4917 Datasheet HTML 13Page - Texas Instruments LM4917 Datasheet HTML 14Page - Texas Instruments LM4917 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM4917
www.ti.com
SNAS238G – AUGUST 2004 – REVISED MAY 2013
APPLICATION INFORMATION
ELIMINATING THE OUTPUT COUPLING CAPACITOR
The LM4917 features a low noise inverting charge pump that generates an internal negative supply voltage. This
allows the outputs of the LM4917 to be biased about GND instead of a nominal DC voltage, like traditional
headphone amplifiers. Because there is no DC component, the large DC blocking capacitors (typically 220µF)
are not necessary. The coupling capacitors are replaced by two, small ceramic charge pump capacitors, saving
board space and cost.
Eliminating the output coupling capacitors also improves low frequency response. The headphone impedance
and the output capacitor form a high pass filter that not only blocks the DC component of the output, but also
attenuates low frequencies, impacting the bass response. Because the LM4917 does not require the output
coupling capacitors, the low frequency response of the device is not degraded by external components.
In addition to eliminating the output coupling capacitors, the ground referenced output nearly doubles the
available dynamic range of the LM4917 when compared to a traditional headphone amplifier operating from the
same supply voltage.
OUTPUT TRANSIENT ('CLICK AND POPS') ELIMINATED
The LM4917 contains advanced circuitry that virtually eliminates output transients ('clicks and pops'). This
circuitry prevents all traces of transients when the supply voltage is first applied or when the part resumes
operation after coming out of shutdown mode.
To ensure optimal click and pop performance under low gain configurations (less than 0dB), it is critical to
minimize the RC combination of the feedback resistor RF and stray input capacitance at the amplifier inputs. A
more reliable way to lower gain or reduce power delivered to the load is to place a current limiting resistor in
series with the load as explained in the Minimizing Output Noise / Reducing Output Power section.
AMPLIFIER CONFIGURATION EXPLANATION
As shown in Figure 2, the LM4917 has two operational amplifiers internally. The two amplifiers have externally
configurable gain, and the closed loop gain is set by selecting the ratio of Rf to Ri. Consequently, the gain for
each channel of the IC is
AV = -(Rf / Ri)
(1)
Since this an output ground-referenced amplifier, by driving the headphone through ROUT (Pin 11) and LOUT (Pin
8), the LM4917 does not require output coupling capacitors. The typical single-ended amplifier configuration
where one side of the load is connected to ground requires large, expensive output capacitors.
POWER DISSIPATION
Power dissipation is a major concern when using any power amplifier and must be thoroughly understood to
ensure a successful design. Equation 2 states the maximum power dissipation point for a single-ended amplifier
operating at a given supply voltage and driving a specified output load.
PDMAX = (VDD)
2 / (2π2R
L)
(2)
Since the LM4917 has two operational amplifiers in one package, the maximum internal power dissipation point
is twice that of the number which results from Equation 2. Even with the large internal power dissipation, the
LM4917 does not require heat sinking over a large range of ambient temperature. From Equation 2, assuming a
3V power supply and a 16
Ω load, the maximum power dissipation point is 28mW per amplifier. Thus the
maximum package dissipation point is 56mW. The maximum power dissipation point obtained must not be
greater than the power dissipation that results from Equation 3:
PDMAX = (TJMAX - TA) / (θJA)
(3)
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4917


Numéro de pièce similaire - LM4917

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM4917MT NSC-LM4917MT Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM4917SD NSC-LM4917SD Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
More results

Description similaire - LM4917

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
logo
New Japan Radio
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
   Ground Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com