Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC16834DGGRE4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce 74AVC16834DGGRE4
Description  18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74AVC16834DGGRE4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button 74AVC16834DGGRE4 Datasheet HTML 3Page - Texas Instruments 74AVC16834DGGRE4 Datasheet HTML 4Page - Texas Instruments 74AVC16834DGGRE4 Datasheet HTML 5Page - Texas Instruments 74AVC16834DGGRE4 Datasheet HTML 6Page - Texas Instruments 74AVC16834DGGRE4 Datasheet HTML 7Page - Texas Instruments 74AVC16834DGGRE4 Datasheet HTML 8Page - Texas Instruments 74AVC16834DGGRE4 Datasheet HTML 9Page - Texas Instruments 74AVC16834DGGRE4 Datasheet HTML 10Page - Texas Instruments 74AVC16834DGGRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
(1)
Operating Characteristics
SN74AVC16834
18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES183H – DECEMBER 1998 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2 through Figure 5)
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
150
150
150
MHz
A
5.3
1.2
6.2
1.5
4.9
1
3.2
0.9
2.5
tpd
LE
Y
7
2.2
9.7
1.8
7.5
1.5
4.9
0.8
4
ns
CLK
6
1.9
7.8
1.6
6
1.1
3.7
1
3.1
ten
OE
Y
7.9
2.4
10.2
1.6
8.8
1.5
6.7
1
6.2
ns
tdis
OE
Y
7.7
2.1
10.3
1.5
8.4
1.2
5.3
1
5.3
ns
T
A = 0°C to 85°C, CL = 0 pF
VCC = 3.3 V
FROM
TO
± 0.15 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
A
0.6
1.3
tpd
Y
ns
CLK
0.7
1.5
(1)
Texas Instruments SPICE simulation data
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
45
48
52
Power dissipation
Cpd
CL = 0,
f = 10 MHz
pF
capacitance
Outputs disabled
23
25
28
7


Numéro de pièce similaire - 74AVC16834DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVC16834DGG PHILIPS-74AVC16834DGG Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
More results

Description similaire - 74AVC16834DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AVC16835 TI1-SN74AVC16835_08 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC162835C HYNIX-HG74ALVC162835C Datasheet
139Kb / 8P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com