Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G32DCKR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1G32DCKR
Description  Low-Power Single 2-Input Positive-OR Gate
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G32DCKR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G32DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP1G32DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP1G32DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP1G32DCKR Datasheet HTML 9Page - Texas Instruments SN74AUP1G32DCKR Datasheet HTML 10Page - Texas Instruments SN74AUP1G32DCKR Datasheet HTML 11Page - Texas Instruments SN74AUP1G32DCKR Datasheet HTML 12Page - Texas Instruments SN74AUP1G32DCKR Datasheet HTML 13Page - Texas Instruments SN74AUP1G32DCKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
A
B
Y
Y
A
B or Y
A
B
=
·
=
+
SN74AUP1G32
SCES580I – JUNE 2004 – REVISED JUNE 2014
www.ti.com
9 Detailed Description
9.1 Overview
This single 2-input positive-OR gate that operates from 0.8 V to 3.6 V and performs the Boolean function
in positive logic.
The AUP family of devices has quiescent power consumption less than 1 µA and comes in the ultra small DPW
package. The DPW package technology is a major breakthrough in IC packaging. Its tiny 0.64 mm square
footprint saves significant board space over other package options while still retaining the traditional
manufacturing friendly lead pitch of 0.5 mm.
9.2 Functional Block Diagram
9.3 Feature Description
Wide operating VCC range of 0.8 V to 3.6 V
3.6-V I/O tolerant to support down translation
Input hysteresis allows slow input transition and better switching noise immunity at the input
Ioff feature allows voltages on the inputs and outputs when VCC is 0 V
Low noise due to slower edge rates
9.4 Device Functional Modes
Table 1. Function Table
INPUTS
OUTPUT
Y
A
B
L
L
L
L
H
H
H
L
H
H
H
H
10
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G32


Numéro de pièce similaire - SN74AUP1G32DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G32DCKR TI-SN74AUP1G32DCKR Datasheet
417Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32DCKR TI-SN74AUP1G32DCKR Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32DCKRE4 TI-SN74AUP1G32DCKRE4 Datasheet
417Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32DCKRE4 TI-SN74AUP1G32DCKRE4 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32DCKRG4 TI-SN74AUP1G32DCKRG4 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
More results

Description similaire - SN74AUP1G32DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G32 TI-SN74AUP1G32_10 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI-SN74AUP1G32 Datasheet
417Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com