Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G08DPW Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SN74AUP1G08DPW
Description  Low-Power Single 2-Input Positive-AND Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G08DPW Fiches technique(HTML) 4 Page - Texas Instruments

  SN74AUP1G08DPW Datasheet HTML 1Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 2Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 3Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 4Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 5Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 6Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 7Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 8Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
1
B
2
A
4
Y
5
V
Not to scale
3
GND
CC
1
2
A
B
C
Not to scale
A
V
B
GND
Y
CC
Not to scale
1
A
6
V
2
B
5
N.C.
3
GND
4
Y
CC
1
2
A
B
C
Not to scale
A
V
B
DNU
GND
Y
CC
Not to scale
1
A
2
B
3
GND
4
Y
5
VCC
4
SN74AUP1G08
SCES502P – NOVEMBER 2003 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN74AUP1G08
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRL, DCK, or DBV Packages
5-Pin SOT, SC70, or SOT-23
Top View
DRY or DSF Packages
6-Pin SON
Top View
N.C. – No internal connection
DPW Package
5-PIN X2SON
Top View
See mechanical drawings for dimensions.
YFP Package
6-Pin DSBGA
Top View
DNU – Do not use
YZP Package
5-Pin DSBGA
Top View


Numéro de pièce similaire - SN74AUP1G08DPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G08DBVR TI-SN74AUP1G08DBVR Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
SN74AUP1G08DBVR TI-SN74AUP1G08DBVR Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DBVR TI-SN74AUP1G08DBVR Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DBVRE4 TI-SN74AUP1G08DBVRE4 Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DBVRE4 TI-SN74AUP1G08DBVRE4 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
More results

Description similaire - SN74AUP1G08DPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G08-Q1 TI1-SN74AUP1G08-Q1 Datasheet
806Kb / 15P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08 TI-SN74AUP1G08_10 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI-SN74AUP1G08 Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
SN74AUP1G08 TI-SN74AUP1G08_07 Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI1-SN74AUP1G08_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G08 Low-Power Single 2-Input Positive-AND Gate
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com