Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUP1G07DBVRE4 Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
SN74AUP1G07DBVRE4 Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 34 page A Y SN74AUP1G07 SCES591J – JULY 2004 – REVISED JUNE 2014 www.ti.com 9 Detailed Description 9.1 Overview The SN74AUP1G07 device is a single buffer gate with open drain output that operates from 0.8 V to 3.6 V. The output of this single buffer/driver is open drain, and can be connected to other open-drain outputs to implement active-low wired-OR or active-high wired-AND functions. The AUP family of devices has quiescent power consumption less than 1ua and comes in the ultra small DPW package. The DPW package technology is a major breakthrough in IC packaging. Its tiny 0.64 mm square footprint saves significant board space over other package options while still retaining the traditional manufacturing friendly lead pitch of 0.5 mm. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. The Ioff feature also allows for live insertion. 9.2 Functional Block Diagram 9.3 Feature Description • Wide operating VCC range of 0.8 V to 3.6 V • 3.6-V I/O tolerant to support down translation • Input hysteresis allows slow input transition and better switching noise immunity at the input • Ioff feature allows voltages on the inputs and outputs when VCC is 0 V • Low noise due to slower edge rates 9.4 Device Functional Modes Table 1. Function Table INPUT OUTPUT A Y H H/Z L L 10 Submit Documentation Feedback Copyright © 2004–2014, Texas Instruments Incorporated Product Folder Links: SN74AUP1G07 |
Numéro de pièce similaire - SN74AUP1G07DBVRE4 |
|
Description similaire - SN74AUP1G07DBVRE4 |