Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G04DBVT Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1G04DBVT
Description  Low-Power Single Inverter Gate
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G04DBVT Fiches technique(HTML) 11 Page - Texas Instruments

Back Button SN74AUP1G04DBVT Datasheet HTML 7Page - Texas Instruments SN74AUP1G04DBVT Datasheet HTML 8Page - Texas Instruments SN74AUP1G04DBVT Datasheet HTML 9Page - Texas Instruments SN74AUP1G04DBVT Datasheet HTML 10Page - Texas Instruments SN74AUP1G04DBVT Datasheet HTML 11Page - Texas Instruments SN74AUP1G04DBVT Datasheet HTML 12Page - Texas Instruments SN74AUP1G04DBVT Datasheet HTML 13Page - Texas Instruments SN74AUP1G04DBVT Datasheet HTML 14Page - Texas Instruments SN74AUP1G04DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
A
Y
SN74AUP1G04
www.ti.com
SCES571K – JUNE 2004 – REVISED JUNE 2014
9 Detailed Description
9.1 Overview
The SN74AUP1G04 device is a single inverter gate performs the Boolean function Y = A.
The AUP family of devices has quiescent power consumption less than 1 µA and comes in the ultra small DPW
package. The DPW package technology is a major breakthrough in IC packaging. Its tiny 0.64 mm square
footprint saves significant board space over other package options while still retaining the traditional
manufacturing friendly lead pitch of 0.5 mm.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down. The Ioff feature also allows
for live insertion.
9.2 Functional Block Diagram
9.3 Feature Description
Wide operating VCC range of 0.8 V to 3.6 V
3.6-V I/O tolerant to support down translation
Input hysteresis allows slow input transition and better switching noise immunity at the input
Ioff feature allows voltages on the inputs and outputs when VCC is 0 V
Low noise due to slower edge rates
9.4 Device Functional Modes
Table 1. Function Table
INPUT
INPUT
A
B
H
L
L
H
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74AUP1G04


Numéro de pièce similaire - SN74AUP1G04DBVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G04DBVT TI-SN74AUP1G04DBVT Datasheet
236Kb / 12P
[Old version datasheet]   LOW POWER SINGLE INVERTER GATE
SN74AUP1G04DBVT TI-SN74AUP1G04DBVT Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
SN74AUP1G04DBVTE4 TI-SN74AUP1G04DBVTE4 Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
SN74AUP1G04DBVTG4 TI-SN74AUP1G04DBVTG4 Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
More results

Description similaire - SN74AUP1G04DBVT

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74AUP1G04 STMICROELECTRONICS-74AUP1G04 Datasheet
396Kb / 18P
   Low power single inverter gate
logo
Texas Instruments
SN74AUP1G04 TI-SN74AUP1G04 Datasheet
236Kb / 12P
[Old version datasheet]   LOW POWER SINGLE INVERTER GATE
SN74AUP1G04_101 TI-SN74AUP1G04_101 Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com