Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH162344VRG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce 74ALVCH162344VRG4
Description  1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH162344VRG4 Fiches technique(HTML) 1 Page - Texas Instruments

  74ALVCH162344VRG4 Datasheet HTML 1Page - Texas Instruments 74ALVCH162344VRG4 Datasheet HTML 2Page - Texas Instruments 74ALVCH162344VRG4 Datasheet HTML 3Page - Texas Instruments 74ALVCH162344VRG4 Datasheet HTML 4Page - Texas Instruments 74ALVCH162344VRG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH162344VRG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH162344VRG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH162344VRG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH162344VRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
OE1
1B1
1B2
GND
1B3
1B4
VCC
1A
2B1
2B2
GND
2B3
2B4
2A
3A
3B1
3B2
GND
3B3
3B4
4A
VCC
4B1
4B2
GND
4B3
4B4
OE2
OE4
8B1
8B2
GND
8B3
8B4
VCC
8A
7B1
7B2
GND
7B3
7B4
7A
6A
6B1
6B2
GND
6B3
6B4
5A
VCC
5B1
5B2
GND
5B3
5B4
OE3
SN74ALVCH162344
1-BIT TO 4-BIT ADDRESS DRIVER
WITH 3-STATE OUTPUTS
SCES085I – AUGUST 1996 – REVISED OCTOBER 2004
Member of the Texas Instruments Widebus™
Family
Operates From 1.65 V to 3.6 V
Max tpd of 4.4 ns at 3.3 V
±12-mA Output Drive at 3.3 V
Output Ports Have Equivalent 26-
Ω Series
Resistors, So No External Resistors Are
Required
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 250 mA Per
JESD 17
This 1-bit to 4-bit address driver is designed for
1.65-V to 3.6-V VCC operation.
The SN74ALVCH162344 is used in applications in
which four separate memory locations must be
addressed by a single address.
The outputs, which are designed to sink up to 12 mA,
include equivalent 26-
Ω resistors to reduce overshoot
and undershoot.
To ensure the high-impedance state during power up
or power down, the output-enable (OE) inputs should
be tied to VCC through a pullup resistor; the minimum
value
of
the
resistor
is
determined
by
the
current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven
inputs at a valid logic state. Use of pullup or pulldown
resistors
with
the
bus-hold
circuitry
is
not
recommended.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVCH162344DL
SSOP - DL
ALVCH162344
Tape and reel
SN74ALVCH162344DLR
-40
°C to 85°C
TSSOP - DGG
Tape and reel
SN74ALVCH162344GR
ALVCH162344
TVSOP - DGV
Tape and reel
SN74ALVCH162344VR
VH2344
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1996–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - 74ALVCH162344VRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ALVCH162334DLG4 TI1-74ALVCH162334DLG4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334GRE4 TI1-74ALVCH162334GRE4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334GRG4 TI1-74ALVCH162334GRG4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334VRE4 TI1-74ALVCH162334VRE4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334VRG4 TI1-74ALVCH162334VRG4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVCH162344VRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162344 TI-SN74ALVCH162344 Datasheet
118Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344 Datasheet
116Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI1-SN74ALVCH162832_10 Datasheet
118Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com