Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVCH162827VR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALVCH162827VR
Description  20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH162827VR Fiches technique(HTML) 2 Page - Texas Instruments

  SN74ALVCH162827VR Datasheet HTML 1Page - Texas Instruments SN74ALVCH162827VR Datasheet HTML 2Page - Texas Instruments SN74ALVCH162827VR Datasheet HTML 3Page - Texas Instruments SN74ALVCH162827VR Datasheet HTML 4Page - Texas Instruments SN74ALVCH162827VR Datasheet HTML 5Page - Texas Instruments SN74ALVCH162827VR Datasheet HTML 6Page - Texas Instruments SN74ALVCH162827VR Datasheet HTML 7Page - Texas Instruments SN74ALVCH162827VR Datasheet HTML 8Page - Texas Instruments SN74ALVCH162827VR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
LOGIC DIAGRAM (POSITIVE LOGIC)
1Y1
2
1
55
1OE1
1OE2
56
2Y1
15
28
42
29
2OE1
2OE2
To Nine Other Channels
To Nine Other Channels
1A1
2A1
ABSOLUTE MAXIMUM RATINGS
(1)
SN74ALVCH162827
20-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES013H – JULY 1995 – REVISED AUGUST 2004
FUNCTION TABLE
(each 10-bit section)
INPUTS
OUTPUT
Y
OE1
OE2
A
L
L
L
L
L
L
H
H
H
X
X
Z
X
H
X
Z
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
4.6
V
VI
Input voltage range(2)
-0.5
4.6
V
VO
Output voltage range(2)(3)
-0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
-50
mA
IOK
Output clamp current
VO < 0
-50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCC or GND
±100
mA
DGG package
64
θ
JA
Package thermal impedance(4)
DGV package
48
°C/W
DL package
56
Tstg
Storage temperature range
-65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2


Numéro de pièce similaire - SN74ALVCH162827VR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH162827VR TI-SN74ALVCH162827VR Datasheet
152Kb / 10P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALVCH162827VR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVC16828 TI-SN74ALVC16828 Datasheet
208Kb / 4P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGGR TI-SN74AVC16827DGGR Datasheet
316Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162827 PERICOM-PI74ALVCH162827 Datasheet
330Kb / 4P
   20-Bit Buffer Driver with 3-STATE Outputs
PI74ALVCH16827 PERICOM-PI74ALVCH16827 Datasheet
296Kb / 4P
   20-Bit Buffer/Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16827-EP TI1-SN74ALVCH16827-EP Datasheet
286Kb / 12P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI-SN74ALVCH162827 Datasheet
152Kb / 10P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827 TI-SN74ALVCH16827 Datasheet
122Kb / 9P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGVR TI-SN74AVC16827DGVR Datasheet
338Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827DGGR TI1-SN74ALVCH16827DGGR Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827 TI-SN74AVC16827 Datasheet
192Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com