Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVCH162334GR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALVCH162334GR
Description  16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH162334GR Fiches technique(HTML) 5 Page - Texas Instruments

  SN74ALVCH162334GR Datasheet HTML 1Page - Texas Instruments SN74ALVCH162334GR Datasheet HTML 2Page - Texas Instruments SN74ALVCH162334GR Datasheet HTML 3Page - Texas Instruments SN74ALVCH162334GR Datasheet HTML 4Page - Texas Instruments SN74ALVCH162334GR Datasheet HTML 5Page - Texas Instruments SN74ALVCH162334GR Datasheet HTML 6Page - Texas Instruments SN74ALVCH162334GR Datasheet HTML 7Page - Texas Instruments SN74ALVCH162334GR Datasheet HTML 8Page - Texas Instruments SN74ALVCH162334GR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCH162334
16-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES120H – JULY 1997 – REVISED SEPTEMBER 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 3)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
(1)
150
150
150
MHz
LE low
(1)
3.3
3.3
3.3
tw
Pulse duration
ns
CLK high or low
(1)
3.3
3.3
3.3
Data before CLK
(1)
1.4
1.7
1.5
tsu
Setup time
CLK high
(1)
1.2
1.6
1.3
ns
Data before LE
CLK low
(1)
1.4
1.5
1.2
Data after CLK
(1)
0.9
0.8
0.9
th
Hold time
ns
Data after LE
CLK high or low
(1)
1.2
1.1
1.1
(1)
This information was not available at the time of publication.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 3)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
(1)
150
150
150
MHz
A
(1)
1
3.9
4.5
1.1
3.9
tpd
LE
Y
(1)
1
5
6
1.3
5
ns
CLK
(1)
1
4.9
5.4
1
4.9
ten
OE
Y
(1)
1
5.4
6.4
1.1
5.4
ns
tdis
OE
Y
(1)
1
5
5.1
1.7
5
ns
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
(1)
32
37
Cpd Power dissipation capacitance
CL = 0,
f = 10 MHz
pF
Outputs disabled
(1)
7
11.5
(1)
This information was not available at the time of publication.
5


Numéro de pièce similaire - SN74ALVCH162334GR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH162334 TI-SN74ALVCH162334 Datasheet
134Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162334DGG TI-SN74ALVCH162334DGG Datasheet
134Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162334DGV TI-SN74ALVCH162334DGV Datasheet
134Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162334DL TI-SN74ALVCH162334DL Datasheet
134Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALVCH162334GR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC16334 TI1-SN74AVC16334_09 Datasheet
372Kb / 16P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162334 TI-SN74ALVCH162334 Datasheet
134Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVC162334A PERICOM-PI74ALVC162334A Datasheet
87Kb / 5P
   16-Bit Universal Bus Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVC16334 TI-SN74ALVC16334_07 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162334 TI-SN74ALVC162334 Datasheet
133Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16334 HITACHI-HD74ALVCH16334 Datasheet
56Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
HD74ALVC16334 HITACHI-HD74ALVC16334 Datasheet
56Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
HD74ALVC162334 HITACHI-HD74ALVC162334 Datasheet
52Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16334 TI-SN74ALVCH16334 Datasheet
134Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16334 TI-SN74AVC16334 Datasheet
179Kb / 12P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162334 TI-SN74ALVC162334_07 Datasheet
308Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com