Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC164245ZQLR Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce 74ALVC164245ZQLR
Description  16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVC164245ZQLR Fiches technique(HTML) 5 Page - Texas Instruments

  74ALVC164245ZQLR Datasheet HTML 1Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 2Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 3Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 4Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 5Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 6Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 7Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 8Page - Texas Instruments 74ALVC164245ZQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics
SN74ALVC164245
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS416P – MARCH 1994 – REVISED NOVEMBER 2005
over recommended operating free-air temperature range for V
CCA = 2.7 V to 3.6 V and VCCB = 4.5 V to 5.5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP(1)
MAX
UNIT
IOH = –100 µA
2.7 V to 3.6 V
VCC – 0.2
2.7 V
2.2
B to A
IOH = –12 mA
3 V
2.4
IOH = –24 mA
3 V
2
VOH
V
4.5 V
4.3
IOH = –100 µA
5.5 V
5.3
A to B
4.5 V
3.7
IOH = –24 mA
5.5 V
4.7
IOL = 100 µA
2.7 V to 3.6 V
0.2
B to A
IOL = 12 mA
2.7 V
0.4
VOL
IOL = 24 mA
3 V
0.55
V
IOL = 100 µA
4.5 V to 5.5 V
0.2
A to B
IOL = 24 mA
4.5 V to 5.5 V
0.55
II
Control inputs
VI = VCCA/VCCB or GND
3.6 V
5.5 V
±5
µA
IOZ(2) A or B port
VO = VCCA/VCCB or GND
3.6 V
5.5 V
±10
µA
ICC
VI = VCCA/VCCB or GND, IO = 0
3.6 V
5.5 V
40
µA
One input at VCCA/VCCB – 0.6 V,
∆I
CC
(3)
3 V to 3.6 V
4.5 V to 5.5 V
750
µA
Other inputs at VCCA/VCCB or GND
Ci
Control inputs
VI = VCCA/VCCB or GND
3.3 V
5 V
6.5
pF
Cio
A or B port
VO = VCCA/VCCB or GND
3.3 V
3.3 V
8.5
pF
(1)
Typical values are measured at VCCA = 3.3 V and VCCB = 5 V, TA = 25°C.
(2)
For I/O ports, the parameter IOZ includes the input leakage current.
(3)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than at 0 or the associated
VCC.
over recommended operating free-air temperature range for V
CCA = 2.3 V to 2.7 V and VCCB = 3 V to 3.6 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
MAX
UNIT
IOH = –100 µA
2.3 V to 2.7 V
3 V to 3.6 V
VCCA – 0.2
B to A
IOH = –8 mA
2.3 V
3 V to 3.6 V
1.7
VOH
IOH = –12 mA
2.7 V
3 V to 3.6 V
1.8
V
IOH = –100 µA
2.3 V to 2.7 V
3 V to 3.6 V
VCCB – 0.2
A to B
IOH = –18 mA
2.3 V to 2.7 V
3 V
2.2
IOL = 100 µA
2.3 V to 2.7 V
3 V to 3.6 V
0.2
B to A
IOL = 12 mA
2.3 V
3 V to 3.6 V
0.6
VOL
V
IOL = 100 µA
2.3 V to 2.7 V
3 V to 3.6 V
0.2
A to B
IOL = 18 mA
2.3 V
3 V
0.55
II
Control inputs
VI = VCCA/VCCB or GND
2.3 V to 2.7 V
3 V to 3.6 V
±5
µA
IOZ(1) A or B port
VO = VCCA/VCCB or GND
2.3 V to 2.7 V
3 V to 3.6 V
±10
µA
ICC
VI = VCCA/VCCB or GND, IO = 0
2.3 V to 2.7 V
3 V to 3.6 V
20
µA
One input at VCCA/VCCB – 0.6 V,
∆I
CC
(2)
2.3 V to 2.7 V
3 V to 3.6 V
750
µA
Other inputs at VCCA/VCCB or GND
(1)
For I/O ports, the parameter IOZ includes the input leakage current.
(2)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than at 0 or the associated
VCC.
5


Numéro de pièce similaire - 74ALVC164245ZQLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ALVC164245ZQLR TI-74ALVC164245ZQLR Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVC164245ZQLR TI-74ALVC164245ZQLR Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
74ALVC164245ZQLR TI-74ALVC164245ZQLR Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVC164245ZQLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
Texas Instruments
SN54ALVTH16244 TI-SN54ALVTH16244 Datasheet
157Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162244 TI-SN54ALVTH162244 Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16240 TI1-SN54ALVTH16240_14 Datasheet
802Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com