Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH16260DGGRE4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce 74ALVCH16260DGGRE4
Description  12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH16260DGGRE4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button 74ALVCH16260DGGRE4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 9Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 10Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 11Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 12Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 13Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74ALVCH16260DGGRE4
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH16260DGGRG4
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH16260DLG4
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH16260DLRG4
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH16260DGGR
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH16260DL
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH16260DLR
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
27-Sep-2007
Addendum-Page 1


Numéro de pièce similaire - 74ALVCH16260DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVCH162601 PHILIPS-74ALVCH162601 Datasheet
90Kb / 20P
   18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
NXP Semiconductors
74ALVCH162601DGG PHILIPS-74ALVCH162601DGG Datasheet
90Kb / 20P
   18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601DGG NEXPERIA-74ALVCH162601DGG Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
Texas Instruments
74ALVCH162601DLG4 TI-74ALVCH162601DLG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVCH16260DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162260DLR TI1-SN74ALVCH162260DLR Datasheet
358Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162260 TI-SN74ALVCH162260 Datasheet
150Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162260 PERICOM-PI74ALVCH162260 Datasheet
253Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com