Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVC3631-10PCB Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce SN74ALVC3631-10PCB
Description  SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC3631-10PCB Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74ALVC3631-10PCB Datasheet HTML 5Page - Texas Instruments SN74ALVC3631-10PCB Datasheet HTML 6Page - Texas Instruments SN74ALVC3631-10PCB Datasheet HTML 7Page - Texas Instruments SN74ALVC3631-10PCB Datasheet HTML 8Page - Texas Instruments SN74ALVC3631-10PCB Datasheet HTML 9Page - Texas Instruments SN74ALVC3631-10PCB Datasheet HTML 10Page - Texas Instruments SN74ALVC3631-10PCB Datasheet HTML 11Page - Texas Instruments SN74ALVC3631-10PCB Datasheet HTML 12Page - Texas Instruments SN74ALVC3631-10PCB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SN74ALVC3631, SN74ALVC3641, SN74ALVC3651
512
× 36, 1024 × 36, 2048 × 36
SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SDMS025B – OCTOBER 1999 – REVISED JUNE 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
output-ready flag
The OR flag of a FIFO is synchronized to CLKB. When OR is high, new data is present in the FIFO output
register. When OR is low, the previous data word is present in the FIFO output register and attempted FIFO
reads are ignored.
A FIFO read pointer is incremented each time a new word is clocked to its output register. When a word is written
to a FIFO, it can be shifted to the FIFO output register in a minimum of three cycles of CLKB; therefore, an OR
flag is low if a word in memory is the next data to be sent to the FIFO output register and three CLKB cycles
have not elapsed since the word was written. The output-ready flag of the FIFO remains low until the third
low-to-high transition of CLKB occurs, simultaneously forcing the OR flag high and shifting the word to the FIFO
output register.
A low-to-high transition on CLKB begins the first synchronization cycle of a write if the clock transition occurs
at time tsk(1), or greater, after the write. Otherwise, the subsequent CLKB cycle can be the first synchronization
cycle (see Figure 6).
input-ready flag
The IR flag of a FIFO is synchronized to the CLKA. When the IR flag is high, a memory location is free in the
SRAM to write new data. No memory locations are free when the IR flag is low and attempted writes to the FIFO
are ignored.
Each time a word is written to a FIFO, its write pointer is incremented. When a word is read from a FIFO, its
previous memory location can be written in a minimum of three cycles of CLKA; therefore, an IR flag is low if
less than two cycles of CLKA have elapsed since the next memory write location has been read. The second
low-to-high transition on CLKA after the read sets the IR flag high, and data can be written in the following cycle.
A low-to-high transition on CLKA begins the first synchronization cycle of a read if the clock transition occurs
at time tsk(1), or greater, after the read. Otherwise, the subsequent CLKA cycle can be the first synchronization
cycle (see Figure 7).
almost-empty flag
The AE flag of a FIFO is synchronized to CLKB. The almost-empty state is defined by the contents of register
X. This register is loaded with a preset value during a FIFO reset, programmed from port A, or programmed
serially (see
almost-empty flag and almost-full flag offset programming). The AE flag is low when the FIFO
contains X or fewer words and is high when the FIFO contains (X + 1) or more words. A data word present in
the FIFO output register has been read from memory.
Two low-to-high transitions of CLKB are required after a FIFO write for the AE flag to reflect the new level of
fill; therefore, the AE flag of a FIFO containing (X + 1) or more words remains low if two cycles of CLKB have
not elapsed since the write that filled the memory to the (X + 1) level. An AE flag is set high by the second
low-to-high transition of CLKB after the FIFO write that fills memory to the (X + 1) level. A low-to-high transition
of CLKB begins the first synchronization cycle if it occurs at time tsk(2), or greater, after the write that fills the FIFO
to (X + 1) words. Otherwise, the subsequent CLKB cycle can be the first synchronization cycle (see Figure 8).


Numéro de pièce similaire - SN74ALVC3631-10PCB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Description similaire - SN74ALVC3631-10PCB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
Texas Instruments
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com