Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALVC3651 Fiches technique(PDF) 10 Page - Texas Instruments |
|
SN74ALVC3651 Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 29 page SN74ALVC3631, SN74ALVC3641, SN74ALVC3651 512 × 36, 1024 × 36, 2048 × 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES SDMS025B – OCTOBER 1999 – REVISED JUNE 2000 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 almost-full flag The AF flag of a FIFO is synchronized to the port clock that writes data to its array (CLKA). The almost-full state is defined by the contents of register Y. This register is loaded with a preset value during a FIFO reset, programmed from port A, or programmed serially (see almost-empty flag and almost-full flag offset programming). The AF flag is low when the number of words in the FIFO is greater than or equal to D – Y, where D = FIFO depth (512 for SN74ALVC3631, 1024 for SN74ALVC3641, and 2048 for SN74ALVC3651). The AF flag is high when the number of words in the FIFO is less than or equal to [D – (Y + 1)]. A data word present in the FIFO output register has been read from memory. Two low-to-high transitions of CLKA are required after a FIFO read for its AF flag to reflect the new level of fill. Therefore, the AF flag of a FIFO containing [D – (Y + 1)] or less words remains low if two cycles of CLKA have not elapsed since the read that reduced the number of words in memory to [D – (Y + 1)]. An AF flag is set high by the second low-to-high transition of CLKA after the FIFO read that reduces the number of words in memory to [D – (Y + 1)]. A low-to-high transition of CLKA begins the first synchronization cycle if it occurs at time tsk(2), or greater, after the read that reduces the number of words in memory to [D – (Y + 1)]. Otherwise, the subsequent CLKA cycle can be the first synchronization cycle (see Figure 9). synchronous retransmit The synchronous-retransmit feature of the SN74ALVC3631/41/51 allows FIFO data to be read repeatedly, starting at a user-selected position. The FIFO is first put into retransmit mode (RTM) to select a beginning word and prevent ongoing FIFO write operations from destroying retransmit data. Data vectors with a minimum length of three words can retransmit repeatedly, starting at the selected word. The FIFO can be taken out of RTM at any time without affecting normal device operation. The FIFO is put in retransmit mode by a low-to-high transition on CLKB when the RTM input is high and OR is high. This rising CLKB edge marks the data present in the FIFO output register as the first retransmit data. The FIFO goes out of retransmit mode when RTM goes low (see Figure 10). When two or more reads have been done past the initial retransmit word, a retransmit is initiated by a low-to-high transition on CLKB when the read-from-mark (RFM) input is high. This rising CLKB edge shifts the first retransmit word to the FIFO output register and subsequent reads can begin immediately. Retransmit loops can be done endlessly while the FIFO is in RTM. RFM must be low during the CLKB rising edge that takes the FIFO out of retransmit mode. When the FIFO is put into RTM, it operates with two read pointers. The current read pointer operates normally, incrementing each time a new word is shifted to the FIFO output register and used by the OR and AE flags. The shadow read pointer stores the SRAM location at the time the device is put into RTM and does not change until the device is taken out of RTM. The shadow read pointer is used by the IR and AF flags. Data writes can proceed while the FIFO is in RTM, but AF is set low by the write that stores (D – Y) words after the first retransmit word. The IR flag is set low by the Dth write after the first retransmit word. When the FIFO is in RTM and RFM is high, a rising CLKB edge loads the current read pointer with the shadow read-pointer value and the OR flag reflects the new level of fill immediately. If the retransmit changes the FIFO status out of the almost-empty range, up to two CLKB rising edges after the retransmit cycle are needed to switch AE high (see Figure 11). The rising CLKB edge that takes the FIFO out of retransmit mode shifts the read pointer used by the IR and AF flags from the shadow to the current read pointer. If the change of read pointer used by IR and AF should cause one or both flags to transition high, at least two CLKA synchronizing cycles are needed before the flags reflect the change. A rising CLKA edge after the FIFO is taken out of retransmit mode is the first synchronizing cycle of IR if it occurs at time tsk(1), or greater, after the rising CLKB edge (see Figure 12). A rising CLKA edge after the FIFO is taken out of RTM is the first synchronizing cycle of AF if it occurs at time tsk(2), or greater, after the rising CLKB edge (see Figure 14). |
Numéro de pièce similaire - SN74ALVC3651 |
|
Description similaire - SN74ALVC3651 |