Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS33A Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74ALS33A
Description  QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS33A Fiches technique(HTML) 2 Page - Texas Instruments

  SN74ALS33A Datasheet HTML 1Page - Texas Instruments SN74ALS33A Datasheet HTML 2Page - Texas Instruments SN74ALS33A Datasheet HTML 3Page - Texas Instruments SN74ALS33A Datasheet HTML 4Page - Texas Instruments SN74ALS33A Datasheet HTML 5Page - Texas Instruments SN74ALS33A Datasheet HTML 6Page - Texas Instruments SN74ALS33A Datasheet HTML 7Page - Texas Instruments SN74ALS33A Datasheet HTML 8Page - Texas Instruments SN74ALS33A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SN54ALS33A, SN74ALS33A
QUADRUPLE 2INPUT POSITIVENOR BUFFERS
WITH OPENCOLLECTOR OUTPUTS
SDAS034C − APRIL 1982 − REVISED FEBRUARY 2009
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS33A
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS33A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS33A
SN74ALS33A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VOH
High-level output voltage
5.5
5.5
V
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS33A
SN74ALS33A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.5
−1.5
V
VOL
VCC = 4.5 V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
IOH
VCC = 4.5 V,
VOH = 5.5 V
0.1
0.1
mA
ICCH
VCC = 5.5 V,
VI = 0
1.7
2.8
1.7
2.8
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
5.6
9
5.6
9
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 680 Ω,
TA = MIN to MAX§
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS33A
SN74ALS33A
UNIT
MIN
MAX
MIN
MAX
tPLH
A or B
Y
10
59
10
33
ns
tPHL
A or B
Y
2
18
2
12
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Numéro de pièce similaire - SN74ALS33A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS33A TI-SN74ALS33A Datasheet
70Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS33AD TI-SN74ALS33AD Datasheet
70Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS33AN TI-SN74ALS33AN Datasheet
70Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
More results

Description similaire - SN74ALS33A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN5433 TI1-SN5433_12 Datasheet
502Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN5433 TI-SN5433 Datasheet
206Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS33A TI-SN54ALS33A Datasheet
70Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SNJ5433 TI-SNJ5433 Datasheet
214Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS03B TI-SN54ALS03B Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS38B TI-SN54ALS38B Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN5438 TI-SN5438 Datasheet
623Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS03B TI1-SN54ALS03B_14 Datasheet
695Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS1003A TI-SN54ALS1003A Datasheet
42Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS38 RENESAS-HD74LS38 Datasheet
76Kb / 6P
   Quadruple 2-input Positive NAND Buffers (with Open Collector Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com