Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AHC2G125HDCT3 Fiches technique(PDF) 3 Page - Texas Instruments |
|
SN74AHC2G125HDCT3 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 6 page SN74AHC2G125 DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS SCLS439A – SEPTEMBER 1999 – REVISED NOVEMBER 1999 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C MIN MAX UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX UNIT 2 V 1.9 2 1.9 IOH = –50 mA 3 V 2.9 3 2.9 VOH 4.5 V 4.4 4.5 4.4 V IOH = –4 mA 3 V 2.58 2.48 IOH = –8 mA 4.5 V 3.94 3.8 2 V 0.1 0.1 IOL = 50 mA 3 V 0.1 0.1 VOL 4.5 V 0.1 0.1 V IOL = 4 mA 3 V 0.36 0.44 IOL = 8 mA 4.5 V 0.36 0.44 II A or OE input VI = VCC or GND 5.5 V ±0.1 ±1 mA IOZ VI = VCC or GND 5.5 V ±0.25 ±2.5 mA ICC VI = VCC or GND, IO = 0 5.5 V 2 20 mA Ci VI = VCC or GND 5 V pF Co VO = VCC or GND 5 V pF switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C MIN MAX UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX UNIT tPLH A Y CL =15 pF ns tPHL A Y CL = 15 pF ns tPZH OE Y CL =15 pF ns tPZL OE Y CL = 15 pF ns tPHZ OE Y CL =15 pF ns tPLZ OE Y CL = 15 pF ns tPLH A Y CL =50 pF ns tPHL A Y CL = 50 pF ns tPZH OE Y CL =50 pF ns tPZL OE Y CL = 50 pF ns tPHZ OE Y CL =50 pF ns tPLZ OE Y CL = 50 pF ns |
Numéro de pièce similaire - SN74AHC2G125HDCT3 |
|
Description similaire - SN74AHC2G125HDCT3 |