Moteur de recherche de fiches techniques de composants électroniques |
|
N-P-8U-CF Fiches technique(PDF) 9 Page - DDK Ltd. |
|
N-P-8U-CF Fiches technique(HTML) 9 Page - DDK Ltd. |
9 / 12 page Unit:mm N Series http://www.ddknet.co.jp ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. 9 ○Assembly Instruction(2) Straight Cable Jack Nut Washer Gasket Clamp Contact Washer Insulator Body L1 15mm 3.5~4mm 3.5mm (Pre-soldering) Cable Nut Washer Gasket Outer Conductor Clamp Insulator Center Conductor Soldering Contact No gap Washer Insulator 5mm Insulator Washer ⑤ ① ④ Nut Washer Gasket Clamp Contact Washer Insulator Body L1 15mm 3.5~4mm 3.5mm (Pre-soldering) Cable Nut Washer Gasket Outer Conductor Clamp Insulator Center Conductor Soldering Contact No gap Washer Insulator 5mm Insulator Washer ② ③ ⑥ ② Insert the nut, washer and gasket into the cable. Cut the sheath 15mm from the end of the cable and insert the calmp. Please be careful to not damage the outer conductor . Parts Configulration ① L=The Cable length require for the single-ended cable assembly. L=L1-12 ③ Pick the outer conductor and turn down to the clamp. Cut the outer conductor along the clamp. Cut the insulator and center conductor as fig.3. Please be careful to not damage the center conductor. ④ Solder up the contact with the center conductor. Please be careful to not deform the insulator by heat. When the solder is stick out, please shave the extra solder. No gap between contact and insulator of the cable. ⑥ Insert the above assembly into the body and screw up by wrench. ⑤ Insert the ring and insulator as fig. 5. ● In case of the insulator which has directivity, insert the insulator as below direction and fit the thinner side of the insulator into the inside diameter of the washer. Applicable Cable Recommended Tightening Torque 3C-2V, 3D-2V, RG-58/U, 196 〜 392N・cm(20 〜 40kgf・cm) 5D-2V 490 〜 686N・cm(50 〜 70kgf・cm) RG-8/U,RG-9/U 343 〜 392N・cm(35 〜 40kgf・cm) |
Numéro de pièce similaire - N-P-8U-CF |
|
Description similaire - N-P-8U-CF |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |