Moteur de recherche de fiches techniques de composants électroniques |
|
SS5782EUA Fiches technique(PDF) 6 Page - SEC Electronics Inc. |
|
SS5782EUA Fiches technique(HTML) 6 Page - SEC Electronics Inc. |
6 / 8 page SS5782 Unipolar Hall Switch 6 V3.10 Nov 1, 2013 Automotive and Severe Environment Protection Circuit The low-pass filter formed by R1 and C1 and the Zener diode Z1 bypass the disturbances or voltage spikes oc- curring on the device supply voltage V DD. The diode D1 provides additional reverse voltage protection. Both so- lutions provide the required reverse voltage protection. ESD Precautions Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge control procedures whenever handling semiconductor products. SS5782 |
Numéro de pièce similaire - SS5782EUA |
|
Description similaire - SS5782EUA |