Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXYX25N250CV1HV Fiches technique(PDF) 5 Page - IXYS Corporation

No de pièce IXYX25N250CV1HV
Description  Advance Technical Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYX25N250CV1HV Fiches technique(HTML) 5 Page - IXYS Corporation

  IXYX25N250CV1HV Datasheet HTML 1Page - IXYS Corporation IXYX25N250CV1HV Datasheet HTML 2Page - IXYS Corporation IXYX25N250CV1HV Datasheet HTML 3Page - IXYS Corporation IXYX25N250CV1HV Datasheet HTML 4Page - IXYS Corporation IXYX25N250CV1HV Datasheet HTML 5Page - IXYS Corporation IXYX25N250CV1HV Datasheet HTML 6Page - IXYS Corporation IXYX25N250CV1HV Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2016 IXYS CORPORATION, All Rights Reserved
Fig. 13. Inductive Switching Energy Loss vs.
Gate Resistance
2
6
10
14
18
22
26
5
1015
20253035404550
55
RG - Ohms
8
12
16
20
24
28
32
Eoff
Eon
TJ = 150ºC , VGE = 15V
VCE = 1250V
I C = 25A
I C = 50A
Fig. 16. Inductive Turn-off Switching Times vs.
Gate Resistance
100
150
200
250
300
350
400
450
500
5
1015
2025
30
3540
4550
55
RG - Ohms
0
150
300
450
600
750
900
1050
1200
t f i
td(off)
TJ = 150ºC, VGE = 15V
VCE = 1250V
I C = 50A
I C = 25A
Fig. 14. Inductive Switching Energy Loss vs.
Collector Current
0
4
8
12
16
20
24
10
15
20
25
30
35
40
45
50
IC - Amperes
0
4
8
12
16
20
24
Eoff
Eon
RG = 5ΩVGE = 15V
VCE = 1250V
TJ = 150ºC
TJ = 25ºC
Fig. 15. Inductive Switching Energy Loss vs.
Junction Temperature
2
6
10
14
18
22
26
25
50
75
100
125
150
TJ - Degrees Centigrade
4
8
12
16
20
24
28
Eoff
Eon
RG = 5ΩVGE = 15V
VCE = 1250V
IC = 25A
I C = 50A
Fig. 17. Inductive Turn-off Switching Times vs.
Collector Current
0
100
200
300
400
500
600
10
15
20
25
30
35
40
45
50
IC - Amperes
0
100
200
300
400
500
600
t f i
td(off)
RG = 5Ω, VGE = 15V
VCE = 1250V
TJ = 150ºC
TJ = 25ºC
Fig. 18. Inductive Turn-off Switching Times vs.
Junction Temperature
60
140
220
300
380
460
25
50
75
100
125
150
TJ - Degrees Centigrade
100
150
200
250
300
350
t f i
td(off)
RG = 5Ω, VGE = 15V
VCE = 1250V
I C = 50A
I C = 25A
IXYX25N250CV1HV


Numéro de pièce similaire - IXYX25N250CV1HV

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXYX25N250CV1HV IXYS-IXYX25N250CV1HV Datasheet
252Kb / 8P
   High Voltage XPT IGBT w/ Diode
More results

Description similaire - IXYX25N250CV1HV

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com