Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT16601DL Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ABT16601DL
Description  18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT16601DL Fiches technique(HTML) 5 Page - Texas Instruments

  SN74ABT16601DL Datasheet HTML 1Page - Texas Instruments SN74ABT16601DL Datasheet HTML 2Page - Texas Instruments SN74ABT16601DL Datasheet HTML 3Page - Texas Instruments SN74ABT16601DL Datasheet HTML 4Page - Texas Instruments SN74ABT16601DL Datasheet HTML 5Page - Texas Instruments SN74ABT16601DL Datasheet HTML 6Page - Texas Instruments SN74ABT16601DL Datasheet HTML 7Page - Texas Instruments SN74ABT16601DL Datasheet HTML 8Page - Texas Instruments SN74ABT16601DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54ABT16601, SN74ABT16601
18-BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS210C – JUNE 1992 – REVISED JANUARY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54ABT16601
SN74ABT16601
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
150
0
150
MHz
t
Pulse duration
LEAB or LEBA high
2.5
2.5
ns
tw
Pulse duration
CLKAB or CLKBA high or low
3
3
ns
A before CLKAB
↑ or B before CLKBA↑
4.6
4
t
Setup time
A before LEAB
↓ or B before LEBA↓
CLK high
2.5
2.5
ns
tsu
Setup time
A before LEAB
↓ or B before LEBA↓
CLK low
1.3
1
ns
CLKEN before CLK
2.9
2.5
A after CLKAB
↑ or B after CLKBA↑
0.4
0
th
Hold time
A after LEAB
↓ or B after LEBA↓
2.8
2
ns
CLKEN after CLK
0
0
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT16601
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
150
200
150
MHz
tPLH
AorB
BorA
1.5
2.5
4.1
1
4.6
ns
tPHL
A or B
B or A
1.5
3.4
4.7
1
5.1
ns
tPLH
LEAB or LEBA
BorA
2
3.4
4.7
1
5.6
ns
tPHL
LEAB or LEBA
B or A
2
3.7
5
1
5.5
ns
tPLH
CLKAB or CLKBA
BorA
1.5
3.2
4.5
1
5.2
ns
tPHL
CLKAB or CLKBA
B or A
1.5
3.2
4.4
1
5
ns
tPZH
OEAB or OEBA
BorA
2
4
5
1
5.7
ns
tPZL
OEAB or OEBA
B or A
2
4.2
5.6
1
6
ns
tPHZ
OEAB or OEBA
BorA
2
4.5
5.8
1
6.8
ns
tPLZ
OEAB or OEBA
B or A
1.5
3.4
5.3
1
6.3
ns


Numéro de pièce similaire - SN74ABT16601DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT16601DL TI-SN74ABT16601DL Datasheet
122Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ABT16601DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI-SN54ABT16501 Datasheet
148Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI-SN54ABT16600 Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16501 FAIRCHILD-74ABT16501 Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16600 TI1-SN54ABT16600_14 Datasheet
143Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162501 RENESAS-HD74ALVCH162501 Datasheet
3Mb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16500B TI-SN54ABT16500B Datasheet
149Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162500 HITACHI-HD74ALVCH162500 Datasheet
56Kb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT162601 TI1-SN54ABT162601_15 Datasheet
1Mb / 16P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16500 FAIRCHILD-74ABT16500 Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com