Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM27965 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM27965
Description  LM27965 Dual Display White LED Driver with I2C Compatible Brightness Control
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM27965 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM27965 Datasheet HTML 7Page - Texas Instruments LM27965 Datasheet HTML 8Page - Texas Instruments LM27965 Datasheet HTML 9Page - Texas Instruments LM27965 Datasheet HTML 10Page - Texas Instruments LM27965 Datasheet HTML 11Page - Texas Instruments LM27965 Datasheet HTML 12Page - Texas Instruments LM27965 Datasheet HTML 13Page - Texas Instruments LM27965 Datasheet HTML 14Page - Texas Instruments LM27965 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
0
bit7
0
bit6
1
bit5
EN3B
bit4
EN5A
bit3
ENC
bit2
ENB
bit1
ENA
bit0
MSB
LSB
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
0
0
0
1
1
1
1
I
2
C Slave Address (chip address)
0
1
0
1
1
0
0
LM27965
LM27965-M
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDIO
start
Id = 36h
w
ack
addr = 10h
ack
ack
DGGUHVV K¶06 data
stop
LM27965
www.ti.com
SNVS380B – MAY 2006 – REVISED FEBRUARY 2013
Figure 12. Write Cycle
w = write (SDIO = "0")
r = read (SDIO = "1")
ack = acknowledge (SDIO pulled down by either master or slave)
id = chip address, 36h for LM27965 or 38h for LM27965-M
I2C COMPATIBLE CHIP ADDRESS
The chip address for LM27965 is 0110110, or 36h. The chip address for LM27965-M is 0111000, or 38h.
Figure 13. Chip Address
INTERNAL REGISTERS OF LM27965
Register
Internal Hex Address
Power On Value
General Purpose Register
10h
0010 0000
Bank A Brightness Control Register
A0h
1110 0000
Bank B Brightness Control Register
B0h
1110 0000
Bank C Brightness Control Register
C0h
1111 1100
Figure 14. General Purpose Register Description
Internal Hex Address: 10h
NOTE
ENA: Enables DxA LED drivers (Main Display)
ENB: Enables DxB LED drivers (Aux Lighting)
ENC: Enables D1C LED driver (Indicator Lighting)
EN5A: Enables D5A LED voltage sense
EN3B: Enables D3B LED driver and voltage sense
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM27965


Numéro de pièce similaire - LM27965

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965SQ NSC-LM27965SQ Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965SQ NSC-LM27965SQ Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965SQ-M NSC-LM27965SQ-M Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results

Description similaire - LM27965

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Texas Instruments
LM27964 TI1-LM27964 Datasheet
1Mb / 22P
[Old version datasheet]   LM27964 White LED Driver System with I2C Compatible Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com