Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2796 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2796
Description  LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2796 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM2796 Datasheet HTML 5Page - Texas Instruments LM2796 Datasheet HTML 6Page - Texas Instruments LM2796 Datasheet HTML 7Page - Texas Instruments LM2796 Datasheet HTML 8Page - Texas Instruments LM2796 Datasheet HTML 9Page - Texas Instruments LM2796 Datasheet HTML 10Page - Texas Instruments LM2796 Datasheet HTML 11Page - Texas Instruments LM2796 Datasheet HTML 12Page - Texas Instruments LM2796 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LM2796
www.ti.com
SNVS273A – MAY 2004 – REVISED MAY 2013
APPLICATIONS INFORMATION
ADJUSTING LED BRIGHTNESS (PWM control)
Perceived LED brightness can be adjusted using a PWM control signal to turn the LM2796 current sources ON
and OFF at a rate faster than perceptible by the eye. When this is done, the total brightness perceived is
proportional to the duty cycle (D) of the PWM signal (D = the percentage of time that the LED is on in every
PWM cycle). A simple example: if the LEDs are driven at 15mA each with a PWM signal that has a 50% duty
cycle, perceived LED brightness will be about half as bright as compared to when the LEDs are driven
continuously with 15mA. A PWM signal thus provides brightness (dimming) control for the solution.
The minimum recommended PWM frequency is 100Hz. Frequencies below this may be visibly noticeable as
flicker or blinking. The maximum recommended PWM frequency is 1kHz. Frequencies above this may cause
interference with internal current driver circuitry.
The preferred method for applying a PWM signal to adjust brightness is to keep the master EN voltage ON
continuously and to apply the PWM signal(s) to the current source enable pin(s): ENA and/or ENB. The benefit of
this type of connection can be best understood with a contrary example. When a PWM signal is connected to the
master enable (EN) pin, the charge pump repeatedly turns on and off. Every time the charge pump turns on,
there is an inrush of current as capacitances, both internal and external, are recharged. This inrush current
results in a current and voltage spike at the input of the part. By only applying the PWM signal to ENA/ENB, the
charge pump stays on continuously and much lower input noise results.
In cases where a PWM signal must be connected to the EN pin, measures can be taken to reduce the
magnitude of the charge-pump turn-on voltage spikes. More input capacitance, series resistors and/or ferrite
beads may provide benefits.
If the current and voltage spikes can be tolerated, connecting the PWM signal to the EN pin does provide a
benefit: lower supply current when the PWM signal is active. When the PWM signal is low, the LM2796 will be
shutdown and input current will only be a few micro-amps. This results in a lower time-averaged input current
than the prior suggestion, where EN is kept on continuously.
CAPACITOR SELECTION
The LM2796 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. These capacitors are small, inexpensive and have very low equivalent series resistance (ESR
<20mW typ.). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors are not
recommended for use with the LM2796 due to their high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LM2796. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55°C to 125°C; X5R: ±15% over -55°C to 85°C).
Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with the LM2796.
Capacitors with these temperature characteristics typically have wide capacitance tolerance (+80%, -20%) and
vary significantly over temperature (Y5V: +22%, -82% over -30°C to +85°C range; Z5U: +22%, -56% over +10°C
to +85°C range). Under some conditions, a nominal 1µF Y5V or Z5U capacitor could have a capacitance of only
0.1µF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LM2796.
The minimum recommended voltage rating for these capacitors is 10V.
DSBGA MOUNTING
The LM2796 is an 18-bump DSBGA with a bump size of approximately 300 micron diameter. The DSBGA
package requires specific mounting techniques detailed in Texas Instruments' Application Note 1112 (Literature
Number SNVA009).
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2796


Numéro de pièce similaire - LM2796

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961TL NSC-LM27961TL Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results

Description similaire - LM2796

FabricantNo de pièceFiches techniqueDescription
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com