Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD8874 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDD8874
Description  N-Channel PowerTrench MOSFET 30V, 116A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8874 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDD8874 Datasheet HTML 1Page - Fairchild Semiconductor FDD8874 Datasheet HTML 2Page - Fairchild Semiconductor FDD8874 Datasheet HTML 3Page - Fairchild Semiconductor FDD8874 Datasheet HTML 4Page - Fairchild Semiconductor FDD8874 Datasheet HTML 5Page - Fairchild Semiconductor FDD8874 Datasheet HTML 6Page - Fairchild Semiconductor FDD8874 Datasheet HTML 7Page - Fairchild Semiconductor FDD8874 Datasheet HTML 8Page - Fairchild Semiconductor FDD8874 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDD8874 / FDU8874 Rev.B
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Package current limitation is 35A.
2: Starting TJ = 25°C, L = 0.61mH, I AS = 28A, VDD = 27V, VGS = 10V.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, V GS = 0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 24V
-
-
1
µA
VGS = 0V
TC = 150
oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, I D = 250µA
1.2
-
2.5
V
rDS(ON)
Drain to Source On Resistance
ID = 35A, V GS = 10V
-
0.0042 0.0051
ID = 35A, V GS = 4.5V
-
0.0052 0.0064
ID = 35A, V GS = 10V,
TJ = 175
oC
-
0.0069 0.0083
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
-
2990
-
pF
COSS
Output Capacitance
-
585
-
pF
CRSS
Reverse Transfer Capacitance
-
340
-
pF
RG
Gate Resistance
VGS = 0.5V, f = 1MHz
-
2.0
-
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
V DD = 15V
ID = 35A
Ig = 1.0mA
-
54
72
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0V to 5V
-
29
38
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
3.0
4.0
nC
Qgs
Gate to Source Gate Charge
-
8.0
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
5.0
-
nC
Qgd
Gate to Drain “Miller” Charge
-
10
-
nC
tON
Turn-On Time
VDD = 15V, I D = 35A
VGS = 10V, R GS = 4.7Ω
-
-
156
ns
td(ON)
Turn-On Delay Time
-
9
-
ns
tr
Rise Time
-
96
-
ns
td(OFF)
Turn-Off Delay Time
-
47
-
ns
tf
Fall Time
-
37
-
ns
tOFF
Turn-Off Time
-
-
126
ns
VSD
Source to Drain Diode Voltage
ISD = 35A
-
-
1.25
V
ISD = 15A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 35A, dISD /dt = 100A/µs
-
-
32
ns
QRR
Reverse Recovered Charge
ISD = 35A, dISD /dt = 100A/µs
-
-
18
nC


Numéro de pièce similaire - FDD8874

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8874 FAIRCHILD-FDD8874 Datasheet
664Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 116A, 5.1m ohm
logo
Inchange Semiconductor ...
FDD8874 ISC-FDD8874 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8874 UMW-FDD8874 Datasheet
545Kb / 7P
   30V N -Channel MOSFET
logo
Fairchild Semiconductor
FDD8874 FAIRCHILD-FDD8874_08 Datasheet
664Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 116A, 5.1m ohm
More results

Description similaire - FDD8874

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8874 FAIRCHILD-FDD8874_08 Datasheet
664Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 116A, 5.1m ohm
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com