Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1085IT-5.0/NOPB Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM1085IT-5.0/NOPB
Description  3-A Low Dropout Positive Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085IT-5.0/NOPB Fiches technique(HTML) 2 Page - Texas Instruments

  LM1085IT-5.0/NOPB Datasheet HTML 1Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 2Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 3Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 4Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 5Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 6Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 7Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 8Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM1085
SNVS038H – JULY 1999 – REVISED JANUARY 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 11
1
Features .................................................................. 1
8
Application and Implementation ........................ 13
2
Applications ........................................................... 1
8.1
Application Information............................................ 13
3
Description ............................................................. 1
8.2
Typical Applications ................................................ 13
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 20
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 20
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 20
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 20
6.2
ESD Ratings ............................................................ 4
10.3
Thermal Considerations ........................................ 20
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 22
6.4
Thermal Information .................................................. 4
11.1
Documentation Support ........................................ 22
6.5
Electrical Characteristics........................................... 5
11.2
Trademarks ........................................................... 22
6.6
Typical Characteristics .............................................. 7
11.3
Electrostatic Discharge Caution ............................ 22
7
Detailed Description .............................................. 9
11.4
Glossary ................................................................ 22
7.1
Overview ................................................................... 9
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 9
Information ........................................................... 22
7.3
Feature Description................................................. 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (March 2013) to Revision I
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 4
Changes from Revision F (March 2013) to Revision G
Page
Deleted layout of National Data Sheet to TI format.............................................................................................................. 19
2
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM1085


Numéro de pièce similaire - LM1085IT-5.0/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM1085IT-5.0/NOPB TI1-LM1085IT-5.0/NOPB Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
More results

Description similaire - LM1085IT-5.0/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com