Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3420AM5-8.4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM3420AM5-8.4
Description  8.4-V Li-Ion Battery Charge Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3420AM5-8.4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM3420AM5-8.4 Datasheet HTML 6Page - Texas Instruments LM3420AM5-8.4 Datasheet HTML 7Page - Texas Instruments LM3420AM5-8.4 Datasheet HTML 8Page - Texas Instruments LM3420AM5-8.4 Datasheet HTML 9Page - Texas Instruments LM3420AM5-8.4 Datasheet HTML 10Page - Texas Instruments LM3420AM5-8.4 Datasheet HTML 11Page - Texas Instruments LM3420AM5-8.4 Datasheet HTML 12Page - Texas Instruments LM3420AM5-8.4 Datasheet HTML 13Page - Texas Instruments LM3420AM5-8.4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
+
IN
OUT
GND
COMP
31 kŸ
Rf
1.23 V
LM3420
SNVS116E – MAY 1998 – REVISED DECEMBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The LM3420 is a shunt regulator specifically designed to be the reference and control section in an overall
feedback loop of a lithium-ion battery charger. The regulated output voltage is sensed between the IN pin and
GROUND pin of the LM3420. If the voltage at the IN pin is less than the LM3420 regulating voltage (VREG), the
OUT pin sources no current. As the voltage at the IN pin approaches the VREG voltage, the OUT pin begins
sourcing current. This current is then used to drive a feedback device (opto-coupler), or a power device (linear
regulator, switching regulator, etc.), which servos the output voltage to be the same value as VREG.
In some applications, (even under normal operating conditions) the voltage on the IN pin can be forced above
the VREG voltage. In these instances, the maximum voltage applied to the IN pin should not exceed 20 V. In
addition, an external resistor may be required on the OUT pin to limit the maximum current to 20 mA.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Compensation
The inverting input of the error amplifier is brought out to allow overall closed-loop compensation. In many of the
applications circuits shown here, compensation is provided by a single capacitor (CC) connected from the
compensation pin to the out pin of the LM3420. The capacitor values shown in the schematics are adequate
under most conditions, but they can be increased or decreased depending on the desired loop response.
Applying a load pulse to the output of a regulator circuit and observing the resultant output voltage response is
an easy method of determining the stability of the control loop.
Analyzing more complex feedback loops requires additional information.
The formula for AC gain at a frequency (f) is shown in Equation 1:
and where
10
Submit Documentation Feedback
Copyright © 1998–2014, Texas Instruments Incorporated
Product Folder Links: LM3420


Numéro de pièce similaire - LM3420AM5-8.4

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3420AM5-8.4 NSC-LM3420AM5-8.4 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420AM5-8.4 NSC-LM3420AM5-8.4 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
More results

Description similaire - LM3420AM5-8.4

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
   Li-ion Battery Charge Controller IC
logo
Mitsumi Electronics, Co...
MM3658AR MITSUMI-MM3658AR Datasheet
2Mb / 22P
   Li-ion Battery Charge Control IC
logo
Bourns Electronic Solut...
MF-SVS210-0 BOURNS-MF-SVS210-0 Datasheet
188Kb / 1P
   Li-ion Battery Controller Protection
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Shenzhen Huazhimei Semi...
HM5401 HMSEMI-HM5401 Datasheet
642Kb / 8P
   1 Li-ion/Li-polymer battery charge balance IC
logo
Microchip Technology
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com