Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM138KSTEEL/NOPB Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM138KSTEEL/NOPB
Description  5-Amp Adjustable Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM138KSTEEL/NOPB Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM138KSTEEL/NOPB Datasheet HTML 5Page - Texas Instruments LM138KSTEEL/NOPB Datasheet HTML 6Page - Texas Instruments LM138KSTEEL/NOPB Datasheet HTML 7Page - Texas Instruments LM138KSTEEL/NOPB Datasheet HTML 8Page - Texas Instruments LM138KSTEEL/NOPB Datasheet HTML 9Page - Texas Instruments LM138KSTEEL/NOPB Datasheet HTML 10Page - Texas Instruments LM138KSTEEL/NOPB Datasheet HTML 11Page - Texas Instruments LM138KSTEEL/NOPB Datasheet HTML 12Page - Texas Instruments LM138KSTEEL/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM138, LM338
www.ti.com
SNVS771B – MAY 1998 – REVISED APRIL 2013
Typical Applications
Regulator and Voltage Reference
1.2V–25V Adjustable Regulator
Temperature Controller
Full output current not available at high input-output voltages
†Optional—improves transient response. Output capacitors in the range of 1
μF to 1000 μF of aluminum or tantalum electrolytic are
commonly used to provide improved output impedance and rejection of transients.
*Needed if device is more than 6 inches from filter capacitors.
**R1 = 240
Ω for LM138. R1, R2 as an assembly can be ordered from Bourns:
MIL part no. 7105A-AT2-502
COMM part no. 7105A-AT7-502
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM138 LM338


Numéro de pièce similaire - LM138KSTEEL/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM138KSTEEL/NOPB TI1-LM138KSTEEL/NOPB Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
More results

Description similaire - LM138KSTEEL/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
LM138K-MIL TI-LM138K-MIL Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
LM138KSTEEL TI1-LM138KSTEEL Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com