Moteur de recherche de fiches techniques de composants électroniques |
|
SS109KUA Fiches technique(PDF) 4 Page - SEC Electronics Inc. |
|
SS109KUA Fiches technique(HTML) 4 Page - SEC Electronics Inc. |
4 / 6 page SS109 Unipolar Hall Switch 4 V3.10 Nov 1, 2013 Application Information It is strongly recommended that an external bypass capacitor be connected (in close proximity to the Hall sensor) between the supply (VDD Pin) and ground (GND Pin) of the device to reduce both external noise and noise generated by the chopper stabilization technique. As is shown in the following two figures, a 0.1μF capacitor is typical. For reverse voltage protection, it is recommended to connect a resistor or a diode in series with the VDD pin. When using a resistor, three points are important: - the resistor has to limit the reverse current to 50mA maximum (VCC / R1 ≤ 50mA) - the resulting device supply voltage VDD has to be higher than VDD min (VDD = VCC – R1*IDD) - the resistor has to withstand the power dissipated in reverse voltage condition (PD = VCC 2/R1) When using a diode, a reverse current cannot flow and the voltage drop is almost constant ( ≈0.7V). Therefore, a 100 Ω/0.25W resistor for 5V application and a diode for higher supply voltage are recommended. Both solutions provide the required reverse voltage protection. When a weak power supply is used or when the device is intended to be used in noisy environment, it is recommended that the second figure is used. The low-pass filter formed by R1 and C1 and the Zener diode Z1 bypass the disturbances or voltage spikes occurring on the device supply voltage VDD. The diode D1 provides additional reverse voltage protection. ESD Precautions Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge control procedures whenever handling semiconductor products. SS109 R2 C2 VDD GND OUT C1 SS109 R1:100 R2 C2 VDD GND OUT C1 Z1 D1 Automotive and Severe Environment Protection Circuit Typical Three-Wire Application Circuit |
Numéro de pièce similaire - SS109KUA |
|
Description similaire - SS109KUA |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |