Moteur de recherche de fiches techniques de composants électroniques |
|
SS41FLUA Fiches technique(PDF) 3 Page - SEC Electronics Inc. |
|
SS41FLUA Fiches technique(HTML) 3 Page - SEC Electronics Inc. |
3 / 6 page SS41F Hall Latch Position Sensor 3 V3.10 Nov 1, 2013 Pin Definitions and Descriptions SOT Pin № SIP Pin № Name Type Function 1 1 VDD Supply Supply Voltage pin 2 3 OUT Output Open Drain Output pin 3 2 GND Ground Ground pin Absolute Maximum Ratings Parameter Symbol Value Units Supply Voltage VDD 28 V Supply Current IDD 50 mA Output Voltage VOUT 28 V Output Current IOUT 50 mA Storage Temperature Range TS -65 to 170 °C Operating Temperature Range Symbol Value Units Temperature Suffix “E” TA -40 to 85 °C Temperature Suffix “K” TA -40 to 125 °C Temperature Suffix “L” TA -40 to 150 °C Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum- rated conditions for ex- tended periods may affect device reliability. |
Numéro de pièce similaire - SS41FLUA |
|
Description similaire - SS41FLUA |