Moteur de recherche de fiches techniques de composants électroniques |
|
FDC40-12S15 Fiches technique(PDF) 3 Page - Astrodyne Corporation |
|
FDC40-12S15 Fiches technique(HTML) 3 Page - Astrodyne Corporation |
3 / 5 page Isolated and Regulated 40 WATT Modular DC/DC Converters FDC40 series WWW.ASTRODYNETDI.COM ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 INPUT SPECIFICATIONS Input Voltage Ranges: 12 VDC Nominal 9-18 VDC 24 VDC Nominal 18-36 VDC 48 VDC Nominal 36-72 VDC Input Filter Pi Type OUTPUT SPECIFICATIONS Voltage and Current See Selection Chart Load Regulation singles: +/-0.5% duals: +/-1% triples: 5 V:+/-2%, Aux: +/-5% Line Regulation singles: +/-0.5% duals: +/-1% triples: 5V:+/-2%, Aux:+/-5% Temperature Coefficient +/-0.02%/DegC Ripple/Noise 1% Pk-Pk of Vout, typ Voltage Stability (singles/duals) +/- 2% (triples) 5 V:+/-2%, Aux: +/-5% Short Circuit Protection Continuous, self-recovering Overvoltage Protection Threshold: 3.3V Output 3.9Volts 5V Output 6.2Volts 12V Output 15Volts 15V Output 18Volts GENERAL SPECIFICATIONS On/Off Control (Ref to - Input pin) Logic “1”/Open=ON Logic “0”/GND=OFF Input-Out Isolation 1600VDC Isolation Resistance 10000 M Ohms Efficiency 82%, typ Switching Frequency 185Khz, typ ENVIRONMENTAL SPECIFICATIONS Oper. Temperature (Case) -25 to +85 DegC(see derate) Storage Temperature -55 to +125 DegC * Maximum Case Temp 100 DegC * MTBF 1.61 MHrs MIL-HDBK-217F TA=25C FL PHYSICAL SPECIFICATIONS Case Material Nickel-Coated Copper Non-Conductive Base Construction Fully Encapsulated Weight 4.5 oz, (126g) * These are stress ratings. Exposure of the devices to any of these conditions may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted 45 55 65 75 36 40 80 81 INPUT VOLTAGE (V) FDC40-48S05 Efficiency VS Input Voltage 90 89 88 87 86 85 84 83 82 60 50 70 68 0.5 1 45 50 OUTPUT LOAD (A) FDC40-48S05 Efficiency VS Output load 90 89 88 86 84 82 80 70 60 2 3 4 57 EFFICIENCY CURVES |
Numéro de pièce similaire - FDC40-12S15 |
|
Description similaire - FDC40-12S15 |