Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC20-24S12 Fiches technique(PDF) 2 Page - Astrodyne Corporation

No de pièce FDC20-24S12
Description  Isolated and Regulated 20 WATT Modular DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC20-24S12 Fiches technique(HTML) 2 Page - Astrodyne Corporation

  FDC20-24S12 Datasheet HTML 1Page - Astrodyne Corporation FDC20-24S12 Datasheet HTML 2Page - Astrodyne Corporation FDC20-24S12 Datasheet HTML 3Page - Astrodyne Corporation FDC20-24S12 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isolated and Regulated 20 WATT Modular DC/DC Converters
FDC20 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
TRIPLE OUTPUT
FDC20-12T3312
3.3, +/-12 VDC
3, +/-0.3
9-18 VDC
FDC20-24T3312
3, +/-0.3
18-36 VDC
FDC20-48T3312
3, +/-0.3
36-72 VDC
FDC20-12T3315
3.3, +/-15 VDC
3, +/-0.25
9-18 VDC
FDC20-24T3315
3, +/-0.25
18-36 VDC
FDC20-48T3315
3, +/-0.25
36-72 VDC
FDC20-12T0512
5, +/-12 VDC
2, +/-0.3
9-18 VDC
FDC20-24T0512
2, +/-0.3
18-36 VDC
FDC20-48T0512
2, +/-0.3
36-72 VDC
FDC20-12T0515
5, +/-15 VDC
2, +/-0.25
9-18 VDC
FDC20-24T0515
2, +/-0.25
18-36 VDC
FDC20-48T0515
2, +/-0.25
36-72 VDC
Unit measures 1.6”W x 2”L x 0.4”H


Numéro de pièce similaire - FDC20-24S12

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FDC20-24S12 ETC2-FDC20-24S12 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20-24S12 ASTRODYNE-FDC20-24S12 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-24S12 P-DUKE-FDC20-24S12 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FDC20-24S12 P-DUKE-FDC20-24S12 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
logo
Volgen Kaga Electronics...
FDC20-24S12W VOLGEN-FDC20-24S12W Datasheet
282Kb / 2P
   SIINGLE AND DUAL OUTPUT,, 4::1 WIIDE IINPUT RANGE 20 WATTS DC//DC CONVERTERS
More results

Description similaire - FDC20-24S12

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20 ASTRODYNE-FDC20 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC20-12S33 ETC2-FDC20-12S33 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD20 ASTRODYNE-ASD20_16 Datasheet
162Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20 ASTRODYNE-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD20 ASTRODYNE-ASD20 Datasheet
282Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20 ASTRODYNE-SU20_16 Datasheet
208Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20W ASTRODYNE-FED20W_16 Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20W ASTRODYNE-FED20W Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com