Moteur de recherche de fiches techniques de composants électroniques |
|
LM317LCDRG4 Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
LM317LCDRG4 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 29 page LM317L www.ti.com SLCS144E – JULY 2004 – REVISED OCTOBER 2014 8.3 Feature Description 8.3.1 NPN Darlington Output Drive NPN Darlington output topology provides naturally low output impedance and an output capacitor is optional. To support maximum current and lowest temperature, 2.5-V headroom is recommended (VI – VO). 8.3.2 Overload Block Over-current and over-temperature shutdown protects the device against overload or damage from operating in excessive heat. 8.3.3 Programmable Feedback Op amp with 1.25-V offset input at the ADJUST pin provides easy output voltage or current (not both) programming. For current regulation applications, a single resistor whose resistance value is 1.25 V / IOUT and power rating is greater than (1.25 V)2 / R should be used. For voltage regulation applications, two resistors set the output voltage. See Typical Application for a schematic and the resistor formula. 8.4 Device Functional Modes 8.4.1 Normal operation The device OUTPUT pin will source current necessary to make OUTPUT pin 1.25 V greater than ADJUST terminal to provide output regulation. 8.4.2 Operation With Low Input Voltage The device requires up to 2.5-V headroom (VI – VO) to operate in regulation. With less headroom, the device may drop out and OUTPUT voltage will be INPUT voltage minus drop out voltage. 8.4.3 Operation at Light Loads The device passes its bias current to the OUTPUT pin. The load or feedback must consume this minimum current for regulation or the output may be too high. 8.4.4 Operation In Self Protection When an overload occurs the device will shut down Darlington NPN output stage or reduce the output current to prevent device damage. The device will automatically reset from the overload. The output may be reduced or alternate between on and off until the overload is removed. Copyright © 2004–2014, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM317L |
Numéro de pièce similaire - LM317LCDRG4 |
|
Description similaire - LM317LCDRG4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |