Moteur de recherche de fiches techniques de composants électroniques |
|
SN7414DG4 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
SN7414DG4 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 27 page SN5414, SN54LS14, SN7414, SN74LS14 HEX SCHMITT-TRIGGER INVERTERS SDLS049B – DECEMBER 1983 – REVISED FEBRUARY 2002 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operation From Very Slow Edges D Improved Line-Receiving Characteristics D High Noise Immunity description Each circuit functions as an inverter, but because of the Schmitt action, it has different input threshold levels for positive-going (VT+) and negative-going (VT–) signals. These circuits are temperature compensated and can be triggered from the slowest of input ramps and still give clean, jitter-free output signals. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP N Tube SN7414N SN7414N PDIP – N Tube SN74LS14N SN74LS14N Tube SN7414D 7414 0 °Cto70°C SOIC D Tape and reel SN7414DR 7414 0 °C to 70°C SOIC – D Tube SN74LS14D LS14 Tape and reel SN74LS14DR LS14 SOP – NS Tape and reel SN7414NSR SN7414 SSOP – DB Tape and reel SN74LS14DBR LS14 Tube SN5414J SN5414J CDIP J Tube SNJ5414J SNJ5414J CDIP – J Tube SN54LS14J SN54LS14J –55 °C to 125°C Tube SNJ54LS14J SNJ54LS14J CFP W Tube SNJ5414W SNJ5414W CFP – W Tube SNJ54LS14W SNJ54LS14W LCCC – FK Tube SNJ54LS14FK SNJ54LS14FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2002, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SN5414, SN54LS14 ...J OR W PACKAGE SN7414 . . . D, N, OR NS PACKAGE SN74LS14 . . . D, DB, OR N PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1Y 2A 2Y 3A 3Y GND VCC 6A 6Y 5A 5Y 4A 4Y 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 6Y NC 5A NC 5Y 2A NC 2Y NC 3A NC – No internal connection SN54LS14 . . . FK PACKAGE (TOP VIEW) On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - SN7414DG4 |
|
Description similaire - SN7414DG4 |