Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2941S Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2941S
Description  1A Low Dropout Adjustable Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941S Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM2941S Datasheet HTML 2Page - Texas Instruments LM2941S Datasheet HTML 3Page - Texas Instruments LM2941S Datasheet HTML 4Page - Texas Instruments LM2941S Datasheet HTML 5Page - Texas Instruments LM2941S Datasheet HTML 6Page - Texas Instruments LM2941S Datasheet HTML 7Page - Texas Instruments LM2941S Datasheet HTML 8Page - Texas Instruments LM2941S Datasheet HTML 9Page - Texas Instruments LM2941S Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM2941, LM2941C
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics: LM2941T, LM2941S, LM2941LD (continued)
5 V
≤ VOUT ≤ 20 V, VIN = VOUT + 5 V, COUT = 22 μF, unless otherwise specified. MIN (minimum) and MAX (maximum)
specifications in apply over the full Operating Temperature Range (unless otherwise specified) and typical values apply at TJ
= 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON/OFF threshold
IOUT ≤ 1 A
1.30
0.80
voltage ON
V
ON/OFF threshold
IOUT ≤ 1 A
2
1.3
voltage OFF
VON/OFF = 2 V, IOUT ≤ 1 A
50
300
ON/OFF threshold
μA
current
VON/OFF = 2 V, IOUT ≤ 1 A, TJ = 25°C
50
100
6.6 Electrical Characteristics: LM2941CT, LM2941CS
5 V
≤ VOUT ≤ 20 V, VIN = VOUT + 5 V, COUT = 22 μF, unless otherwise specified. MIN (minimum) and MAX (maximum)
specifications in apply over the full Operating Temperature Range (unless otherwise specified) and typical values apply at TJ
= 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5 mA
≤ IOUT ≤ 1 A
(1)
1.211
1.275
1.339
Reference voltage
V
5 mA
≤ IOUT ≤ 1 A
(1), T
J = 25°C
1.237
1.275
1.313
VOUT + 2 V ≤ VIN ≤ 26 V, IOUT = 5 mA, TJ =
Line regulation
4
10
mV/V
25°C
Load regulation
50 mA
≤ IOUT ≤ 1 A, TJ = 25°C
7
10
mV/V
Output impedance
100 mADC and 20 mArms, ƒOUT = 120 Hz
7
m
Ω/V
VOUT + 2 V ≤ VIN < 26 V, IOUT = 5 mA, TJ =
10
15
mA
25°C
Quiescent current
VIN = VOUT + 5 V, IOUT = 1 A
30
60
mA
VIN = VOUT + 5 V, IOUT = 1 A, TJ = 25°C
30
45
10 Hz to 100 kHz
0.003%
RMS output noise, % of VOUT
IOUT = 5 mA
Ripple rejection
ƒOUT = 120Hz, 1 Vrms, IL = 100 mA, TJ = 25°C
0.005
0.02
%/V
Long-term stability
0.4
%/1000 Hr
IOUT = 1A
0.5
1
V
Dropout voltage
IOUT = 1A, TJ = 25°C
0.5
0.8
IOUT = 100 mA
110
200
mV
Short-circuit current
VIN max = 26 V
(2), T
J = 25°C
1.6
1.9
A
VOUT max 1 V above nominal VOUT, ROUT = 100
55
Maximum line transient
45
V
Ω, t ≤ 100 ms, , TJ = 25°C
Maximum operational input
TJ = 25°C
26
31
VDC
voltage
Reverse polarity
ROUT = 100 Ω, VOUT ≥ −0.6 V, TJ = 25°C
−15
−30
DC input voltage
V
Reverse polarity
t
≤ 100 ms, ROUT = 100 Ω, TJ = 25°C
−45
−55
transient input voltage
ON/OFF threshold
IOUT ≤ 1 A, TJ = 25°C
1.3
0.8
voltage ON
V
ON/OFF threshold
IOUT ≤ 1 A, TJ = 25°C
2
1.3
voltage OFF
ON/OFF threshold
VON/OFF = 2 V, IOUT ≤ 1 A, TJ = 25°C
50
100
μA
current
(1)
The output voltage range is 5 V to 20 V and is determined by the two external resistors, R1 and R2. See Typical Application.
(2)
Output current capability will decrease with increasing temperature, but will not go below 1 A at the maximum specified temperatures.
6
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM2941 LM2941C


Numéro de pièce similaire - LM2941S

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2941S NSC-LM2941S Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
logo
List of Unclassifed Man...
LM2941S ETC-LM2941S Datasheet
196Kb / 5P
   1.25A High Current Low Dropout
logo
Texas Instruments
LM2941S TI1-LM2941S Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941S/NOPB TI1-LM2941S/NOPB Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941SX TI1-LM2941SX Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
More results

Description similaire - LM2941S

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
[Old version datasheet]   LM2941QML 1A Low Dropout Adjustable Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com