Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2832 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2832 Fiches technique(HTML) 3 Page - Texas Instruments

  LM2832 Datasheet HTML 1Page - Texas Instruments LM2832 Datasheet HTML 2Page - Texas Instruments LM2832 Datasheet HTML 3Page - Texas Instruments LM2832 Datasheet HTML 4Page - Texas Instruments LM2832 Datasheet HTML 5Page - Texas Instruments LM2832 Datasheet HTML 6Page - Texas Instruments LM2832 Datasheet HTML 7Page - Texas Instruments LM2832 Datasheet HTML 8Page - Texas Instruments LM2832 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM2832
www.ti.com
SNVS455A – AUGUST 2006 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
VIN
-0.5V to 7V
FB Voltage
-0.5V to 3V
EN Voltage
-0.5V to 7V
SW Voltage
-0.5V to 7V
ESD Susceptibility
2kV
Junction Temperature(3)
150°C
Storage Temperature
−65°C to +150°C
Soldering Information
Infrared or Convection Reflow (15 sec)
220°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device.
Operating Ratings
VIN
3V to 5.5V
Junction Temperature
−40°C to +125°C
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2832


Numéro de pièce similaire - LM2832

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832XMY NSC-LM2832XMY Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832XMYX NSC-LM2832XMYX Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832XSD NSC-LM2832XSD Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
More results

Description similaire - LM2832

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Chip Advanced Technolog...
CAT7105 CAT-CAT7105 Datasheet
758Kb / 12P
   2.0A High Efficiency Step-Down DC/DC Converter
May-2007 Rev:0.94
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com