Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2727 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2727
Description  LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2727 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM2727 Datasheet HTML 7Page - Texas Instruments LM2727 Datasheet HTML 8Page - Texas Instruments LM2727 Datasheet HTML 9Page - Texas Instruments LM2727 Datasheet HTML 10Page - Texas Instruments LM2727 Datasheet HTML 11Page - Texas Instruments LM2727 Datasheet HTML 12Page - Texas Instruments LM2727 Datasheet HTML 13Page - Texas Instruments LM2727 Datasheet HTML 14Page - Texas Instruments LM2727 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LM27x7
BOOTV
HG
LG
+
+
5V
Vo
Cb
LM2727, LM2737
www.ti.com
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
Figure 24. BOOTV Supplied by Charge Pump
In a system without a separate, higher voltage, a charge pump (bootstrap) can be built using a diode and small
capacitor, Figure 24. The capacitor serves to maintain enough voltage between the top FET gate and source to
control the device even when the top FET is on and its source has risen up to the input voltage level.
The LM2727/37 gate drives use a BiCMOS design. Unlike some other bipolar control ICs, the gate drivers have
rail-to-rail swing, ensuring no spurious turn-on due to capacitive coupling.
POWER GOOD SIGNAL
The power good signal is the or-gated flag representing over-voltage and under-voltage protection. If the output
voltage is 18% over it's nominal value, VFB = 0.7V, or falls 30% below that value, VFB = 0.41V, the power good
flag goes low. The converter then turns off the high side gate, and turns on the low side gate. Unlike the output
(LM2727 only) the power good flag is not latched off. It will return to a logic high whenever the feedback pin
voltage is between 70% and 118% of 0.6V.
UVLO
The 4.2V turn-on threshold on VCC has a built in hysteresis of 0.6V. Therefore, if VCC drops below 3.6V, the chip
enters UVLO mode. UVLO consists of turning off the top FET, turning on the bottom FET, and remaining in that
condition until VCC rises above 4.2V. As with shutdown, the soft start capacitor is discharged through a FET,
ensuring that the next start-up will be smooth.
CURRENT LIMIT
Current limit is realized by sensing the voltage across the low side FET while it is on. The RDSON of the FET is a
known value, hence the current through the FET can be determined as:
VDS = I * RDSON
(4)
The current limit is determined by an external resistor, RCS, connected between the switch node and the ISEN
pin. A constant current of 50µA is forced through Rcs, causing a fixed voltage drop. This fixed voltage is
compared against VDS and if the latter is higher, the current limit of the chip has been reached. RCS can be found
by using the following:
RCS = RDSON(LOW) * ILIM/50µA
(5)
For example, a conservative 15A current limit in a 10A design with a minimum RDSON of 10mΩ would require a
3.3k
Ω resistor. Because current sensing is done across the low side FET, no minimum high side on-time is
necessary. In the current limit mode the LM2727/37 will turn the high side off and the keep low side on for as
long as necessary. The chip also discharges the soft start capacitor through a fixed 95µA source. In this way,
smooth ramping up of the output voltage as with a normal soft start is ensured. The output of the LM2727/37
internal error amplifier is limited by the voltage on the soft start capacitor. Hence, discharging the soft start
capacitor reduces the maximum duty cycle D of the controller. During severe current limit, this reduction in duty
cycle will reduce the output voltage, if the current limit conditions lasts for an extended time.
During the first few nanoseconds after the low side gate turns on, the low side FET body diode conducts. This
causes an additional 0.7V drop in VDS. The range of VDS is normally much lower. For example, if RDSON were
10m
Ω and the current through the FET was 10A, VDS would be 0.1V. The current limit would see 0.7V as a 70A
current and enter current limit immediately. Hence current limit is masked during the time it takes for the high
side switch to turn off and the low side switch to turn on.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2727 LM2737


Numéro de pièce similaire - LM2727

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
[Old version datasheet]   input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
LM2727 TI1-LM2727 Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2727 TI-LM2727 Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727MTC TI-LM2727MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
More results

Description similaire - LM2727

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com