Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HC112DRG4 Fiches technique(PDF) 7 Page - Texas Instruments |
|
SN74HC112DRG4 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 18 page PACKAGE OPTION ADDENDUM www.ti.com 10-Jun-2014 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 84088012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 84088012A SNJ54HC 112FK 8408801EA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 8408801EA SNJ54HC112J 8408801FA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 8408801FA SNJ54HC112W JM38510/65305BEA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 65305BEA M38510/65305BEA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 65305BEA SN54HC112J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SN54HC112J SN74HC112D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC112 SN74HC112DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC112 SN74HC112DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC112 SN74HC112DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC112 SN74HC112DRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC112 SN74HC112DT ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC112 SN74HC112N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 SN74HC112N SN74HC112N3 OBSOLETE PDIP N 16 TBD Call TI Call TI -40 to 85 SN74HC112NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 SN74HC112N SNJ54HC112FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 84088012A SNJ54HC 112FK SNJ54HC112J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 8408801EA SNJ54HC112J |
Numéro de pièce similaire - SN74HC112DRG4 |
|
Description similaire - SN74HC112DRG4 |