Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HC00-Q1 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HC00-Q1
Description  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC00-Q1 Fiches technique(HTML) 3 Page - Texas Instruments

  SN74HC00-Q1 Datasheet HTML 1Page - Texas Instruments SN74HC00-Q1 Datasheet HTML 2Page - Texas Instruments SN74HC00-Q1 Datasheet HTML 3Page - Texas Instruments SN74HC00-Q1 Datasheet HTML 4Page - Texas Instruments SN74HC00-Q1 Datasheet HTML 5Page - Texas Instruments SN74HC00-Q1 Datasheet HTML 6Page - Texas Instruments SN74HC00-Q1 Datasheet HTML 7Page - Texas Instruments SN74HC00-Q1 Datasheet HTML 8Page - Texas Instruments SN74HC00-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Not to scale
4
1Y
5
NC
6
2A
7
NC
8
2B
14
3B
15
NC
16
4Y
17
NC
18
4A
1
1A
14
VCC
2
1B
13
4B
3
1Y
12
4A
4
2A
11
4Y
5
2B
10
3B
6
2Y
9
3A
7
GND
8
3Y
Not to scale
3
SN54HC00, SN74HC00
www.ti.com
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC00 SN74HC00
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DB, J, N, NS, PW, and W Package
14-Pin SOIC, SSOP, CDIP, PDIP, SOP, TSSOP, and CFP
Top View
FK Package
20-Pin LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, SSOP,
CDIP, PDIP, SOP,
TSSOP, CFP
LCCC
1A
1
2
I
Gate 1 input
1B
2
3
I
Gate 1 input
1Y
3
4
O
Gate 1 output
2A
4
6
I
Gate 2 input
2B
5
8
I
Gate 2 input
2Y
6
9
O
Gate 2 output
3A
9
13
I
Gate 3 input
3B
10
14
I
Gate 3 input
3Y
8
12
O
Gate 3 output
4A
12
18
I
Gate 4 input
4B
13
19
I
Gate 4 input
4Y
11
16
O
Gate 4 output
GND
7
10
Ground pin
NC
1, 5, 7,
11, 15,17
No internal connection
VCC
14
20
Power pin


Numéro de pièce similaire - SN74HC00-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC00-Q1 TI-SN74HC00-Q1 Datasheet
185Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74HC00-Q1 TI1-SN74HC00-Q1 Datasheet
810Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74HC00-Q1 TI1-SN74HC00-Q1_15 Datasheet
810Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results

Description similaire - SN74HC00-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com