Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC244PWLE Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce SN74AHC244PWLE
Description  SNx4AHC244 Octal Buffers/Drivers With 3-State Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC244PWLE Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74AHC244PWLE Datasheet HTML 2Page - Texas Instruments SN74AHC244PWLE Datasheet HTML 3Page - Texas Instruments SN74AHC244PWLE Datasheet HTML 4Page - Texas Instruments SN74AHC244PWLE Datasheet HTML 5Page - Texas Instruments SN74AHC244PWLE Datasheet HTML 6Page - Texas Instruments SN74AHC244PWLE Datasheet HTML 7Page - Texas Instruments SN74AHC244PWLE Datasheet HTML 8Page - Texas Instruments SN74AHC244PWLE Datasheet HTML 9Page - Texas Instruments SN74AHC244PWLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SN54AHC244, SN74AHC244
SCLS226K – OCTOBER 1995 – REVISED JULY 2014
www.ti.com
7.6 Switching Characteristics
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 3)
TA = 25°C
SN54AHC244
SN74AHC244
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
5.8(1)
8.4(1)
1(1)
10(1)
1
10
A
Y
CL = 15 pF
ns
tPHL
5.8(1)
8.4(1)
1(1)
10(1)
1
10
tPZH
6.6(1)
10.6(1)
1(1)
12.5(1)
1
12.5
OE
Y
CL = 15 pF
ns
tPZL
6.6(1)
10.6(1)
1(1)
12.5(1)
1
12.5
tPHZ
5(1)
9.7(1)
1(1)
11(1)
1
11
OE
Y
CL = 15 pF
ns
tPLZ
5(1)
9.7(1)
1(1)
11(1)
1
11
tPLH
8.3
11.9
1
13.5
1
13.5
A
Y
CL = 50 pF
ns
tPHL
8.3
11.9
1
13.5
1
13.5
tPZH
9.1
14.1
1
16
1
16
OE
Y
CL = 50 pF
ns
tPZL
9.1
14.1
1
16
1
16
tPHZ
10.3
14
1
16
1
16
OE
Y
CL = 50 pF
ns
tPLZ
10.3
14
1
16
1
16
tsk(o)
CL = 50 pF
1.5(2)
1.5
ns
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
7.7 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 3)
TO
TA = 25°C
SN54AHC244
SN74AHC244
FROM
LOAD
PARAMETER
(OUTPU
UNIT
(INPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
T)
tPLH
3.9(1)
5.5(1)
1(1)
6.5(1)
1
6.5
A
Y
CL = 15 pF
ns
tPHL
3.9(1)
5.5(1)
1(1)
6.5(1)
1
6.5
tPZH
4.7(1)
7.3(1)
1(1)
8.5(1)
1
8.5
OE
Y
CL = 15 pF
ns
tPZL
4.7(1)
7.3(1)
1(1)
8.5(1)
1
8.5
tPHZ
5(1)
7.2(1)
1(1)
8.5(1)
1
8.5
OE
Y
CL = 15 pF
ns
tPLZ
5(1)
7.2(1)
1(1)
8.5(1)
1
8.5
tPLH
5.4
7.5
1
8.5
1
8.5
A
Y
CL = 50 pF
ns
tPHL
5.4
7.5
1
8.5
1
8.5
tPZH
6.2
9.3
1
10.5
1
10.5
OE
Y
CL = 50 pF
ns
tPZL
6.2
9.3
1
10.5
1
10.5
tPHZ
6.7
9.2
1
10.5
1
10.5
OE
Y
CL = 50 pF
ns
tPLZ
6.7
9.2
1
10.5
1
10.5
tsk(o)
CL = 50 pF
1(2)
1
ns
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
6
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHC244 SN74AHC244


Numéro de pièce similaire - SN74AHC244PWLE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC244PWLE TI-SN74AHC244PWLE Datasheet
571Kb / 2P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC244PWLE TI-SN74AHC244PWLE Datasheet
715Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC244PWLE TI-SN74AHC244PWLE Datasheet
691Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC244PWLE TI-SN74AHC244PWLE Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AHC244PWLE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com