Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS286 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AS286
Description  9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS286 Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AS286 Datasheet HTML 1Page - Texas Instruments SN74AS286 Datasheet HTML 2Page - Texas Instruments SN74AS286 Datasheet HTML 3Page - Texas Instruments SN74AS286 Datasheet HTML 4Page - Texas Instruments SN74AS286 Datasheet HTML 5Page - Texas Instruments SN74AS286 Datasheet HTML 6Page - Texas Instruments SN74AS286 Datasheet HTML 7Page - Texas Instruments SN74AS286 Datasheet HTML 8Page - Texas Instruments SN74AS286 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN54AS286, SN74AS286
9BIT PARITY GENERATORS/CHECKERS
WITH BUSDRIVER PARITY I/O PORT
SDAS050B − DECEMBER 1983 − REVISED DECEMBER 1994
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54AS286
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS286
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54AS286
SN74AS286
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
PARITY ERROR
−2
−2
mA
IOH
High-level output current
PARITY I/O
−12
−15
mA
IOL
Low-level output current
PARITY ERROR
20
20
mA
IOL
Low-level output current
PARITY I/O
32
48
mA
TA
Operating free-air temperature
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS286
SN74AS286
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
− 1.2
V
All outputs
VCC = 4.5 V to 5.5 V,
IOH = − 2 mA
VCC −2
VCC −2
VOH
IOH = − 3 mA
2.4
2.9
2.4
3
V
VOH
PARITY I/O
VCC = 4.5 V
IOH = − 12 mA
2.4
V
PARITY I/O
VCC = 4.5 V
IOH = − 15 mA
2.4
PARITY ERROR
IOL = 20 mA
0.35
0.5
0.35
0.5
VOL
PARITY I/O
VCC = 4.5 V
IOL = 32 mA
0.5
V
VOL
PARITY I/O
VCC = 4.5 V
IOL = 48 mA
0.5
V
II
PARITY I/O
VCC = 5.5 V
VI = 5.5 V
0.1
0.1
mA
II
All other inputs
VCC = 5.5 V
VI = 7 V
0.1
0.1
mA
IIH
PARITY I/O§
VCC = 5.5 V,
VI = 2.7 V
50
50
A
IIH
All other inputs
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
PARITY I/O§
VCC = 5.5 V,
VI = 0.4 V
− 0.5
− 0.5
mA
IIL
All other inputs
VCC = 5.5 V,
VI = 0.4 V
− 0.5
− 0.5
mA
IO¶
VCC = 5.5 V,
VO = 2.25 V
−30
−112
−30
−112
mA
ICC
Transmit
VCC = 5.5 V
30
43
30
43
mA
ICC
Receive
VCC = 5.5 V
35
50
35
50
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ For I/O ports, the parameters IIH and IIL include the off-state output current.
¶ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Numéro de pièce similaire - SN74AS286

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS286 TI-SN74AS286 Datasheet
125Kb / 8P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
SN74AS286D TI-SN74AS286D Datasheet
125Kb / 8P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
SN74AS286N TI-SN74AS286N Datasheet
125Kb / 8P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
More results

Description similaire - SN74AS286

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54AS286 TI-SN54AS286 Datasheet
125Kb / 8P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN74ALS280 TI-SN74ALS280 Datasheet
114Kb / 12P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
logo
Fairchild Semiconductor
DM74AS286 FAIRCHILD-DM74AS286 Datasheet
64Kb / 7P
   9-Bit Parity Generator/Checker with Bus-Driver Parity I/O Port
logo
Texas Instruments
SN74180J TI1-SN74180J Datasheet
331Kb / 8P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
[Old version datasheet]   9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com