Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS825A Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce SN74AS825A
Description  8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS825A Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74AS825A Datasheet HTML 2Page - Texas Instruments SN74AS825A Datasheet HTML 3Page - Texas Instruments SN74AS825A Datasheet HTML 4Page - Texas Instruments SN74AS825A Datasheet HTML 5Page - Texas Instruments SN74AS825A Datasheet HTML 6Page - Texas Instruments SN74AS825A Datasheet HTML 7Page - Texas Instruments SN74AS825A Datasheet HTML 8Page - Texas Instruments SN74AS825A Datasheet HTML 9Page - Texas Instruments SN74AS825A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
5962-9078003M3A
ACTIVE
LCCC
FK
28
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
5962-
9078003M3A
SNJ54AS
825AFK
SNJ54AS825AFK
ACTIVE
LCCC
FK
28
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
5962-
9078003M3A
SNJ54AS
825AFK
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Numéro de pièce similaire - SN74AS825A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS825A TI-SN74AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AS825ADW TI-SN74AS825ADW Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AS825ANT TI-SN74AS825ANT Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AS825A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
[Old version datasheet]   8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29826 TI1-SN74BCT29826 Datasheet
112Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29825 TI1-SN74BCT29825 Datasheet
104Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16821 TI-SN54ABT16821 Datasheet
122Kb / 7P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI1-SN54ABT823_15 Datasheet
664Kb / 18P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI1-SN54ALS29823_15 Datasheet
243Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com