Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS825A Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SN74AS825A
Description  8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS825A Fiches technique(HTML) 5 Page - Texas Instruments

  SN74AS825A Datasheet HTML 1Page - Texas Instruments SN74AS825A Datasheet HTML 2Page - Texas Instruments SN74AS825A Datasheet HTML 3Page - Texas Instruments SN74AS825A Datasheet HTML 4Page - Texas Instruments SN74AS825A Datasheet HTML 5Page - Texas Instruments SN74AS825A Datasheet HTML 6Page - Texas Instruments SN74AS825A Datasheet HTML 7Page - Texas Instruments SN74AS825A Datasheet HTML 8Page - Texas Instruments SN74AS825A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN54AS825A, SN74AS825A
8BIT BUSINTERFACE FLIPFLOPS
WITH 3STATE OUTPUTS
SDAS020B − JUNE 1984 − REVISED AUGUST 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS825A
SN74AS825A
MIN
MAX
MIN
MAX
tPLH
CLK
Any Q
3.5
9
3.5
7.5
ns
tPHL
CLK
Any Q
3.5
13.5
3.5
13
ns
tPHL
CLR
Any Q
3.5
16.5
3.5
15.5
ns
tPZH
OE
Any Q
4
12
4
11
ns
tPZL
OE
Any Q
4
13
4
12
ns
tPHZ
OE
Any Q
1
10
1.5
8
ns
tPLZ
OE
Any Q
1
10
1.5
8
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Numéro de pièce similaire - SN74AS825A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS825A TI-SN74AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AS825ADW TI-SN74AS825ADW Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AS825ANT TI-SN74AS825ANT Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AS825A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
[Old version datasheet]   8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29826 TI1-SN74BCT29826 Datasheet
112Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29825 TI1-SN74BCT29825 Datasheet
104Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16821 TI-SN54ABT16821 Datasheet
122Kb / 7P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI1-SN54ABT823_15 Datasheet
664Kb / 18P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI1-SN54ALS29823_15 Datasheet
243Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com