Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS47024 Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CS47024
Description  CS470xx Data Sheet
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 4Page - Cirrus Logic CS47024 Datasheet HTML 5Page - Cirrus Logic CS47024 Datasheet HTML 6Page - Cirrus Logic CS47024 Datasheet HTML 7Page - Cirrus Logic CS47024 Datasheet HTML 8Page - Cirrus Logic CS47024 Datasheet HTML 9Page - Cirrus Logic CS47024 Datasheet HTML 10Page - Cirrus Logic CS47024 Datasheet HTML 11Page - Cirrus Logic CS47024 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
DS787PP9
8
4 Hardware Functional Description
Figure 4-2. CS47028 Top-level Block Diagram
Figure 4-3. CS47024 Top-level Block Diagram
x8
x4
x2
x2
DAC0
text
32-bit Core
in the CS 47028 DSP
DMA
SPI / I2C
Control
I2S
I2S
I2S / S/PDIF
PLL
ROM
S
R
C
2
Clock
Manager
Timers
RAM
GPIO
DAC1
DAC2
DAC3
DAC4
DAC5
DAC6
DAC7
S
R
C
1
ROM
RAM
ROM
RAM
P
Y
32K x 32-bit SRAM with three 2K blocks
Assignable to Program or Y Data memory
I2S /
S/PDIF
Stereo Inputs
On Analog in
ADC2/3
DBC
(I
2C Slave)
PIC
ADC’s & DAC’s operate
in Single ended or
Differential mode
S
R
C
3
8ch
8ch
SRC3 has 8
independent Channels
for In or Out
4ch
x8
x4
x2
x2
text
32-bit Core
in the CS 47024 DSP
DMA
SPI / I2C
Control
I2S
I2S
I2S / S/PDIF
PLL
ROM
S
R
C
2
Clock
Manager
Timers
RAM
GPIO
DAC0
DAC1
DAC2
DAC3
S
R
C
1
ROM
RAM
ROM
RAM
P
Y
32K x 32-bit SRAM with three 2K blocks
Assignable to Program or Y Data memory
I2S /
S/PDIF
Stereo Inputs
On Analog in
ADC2/3
DBC
(I
2C Slave)
PIC
ADC’s & DAC’s operate
in Single ended or
Differential mode
S
R
C
3
8ch
8ch
SRC3 has 8
independent Channels
for In or Out
4ch


Numéro de pièce similaire - CS47024

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS47024C-CQZ CIRRUS-CS47024C-CQZ Datasheet
692Kb / 40P
   Audio SOC Processor Family
CS47024C-DQZ CIRRUS-CS47024C-DQZ Datasheet
692Kb / 40P
   Audio SOC Processor Family
More results

Description similaire - CS47024

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS47028 CIRRUS-CS47028 Datasheet
1Mb / 32P
   CS470xx Data Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
   Data Sheet
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MC9S12NE64V1 FREESCALE-MC9S12NE64V1 Datasheet
3Mb / 554P
   MC9S12NE64V1 Data Sheet
logo
Murata Manufacturing Co...
GRM188F51E474ZA01D MURATA-GRM188F51E474ZA01D Datasheet
43Kb / 1P
   Capacitor data sheet
GRM1885C1E122JA01D MURATA-GRM1885C1E122JA01D Datasheet
43Kb / 1P
   Capacitor data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com