Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM320C26BGBM Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce SM320C26BGBM
Description  DIGITAL SIGNAL PROCESSOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C26BGBM Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SM320C26BGBM Datasheet HTML 3Page - Texas Instruments SM320C26BGBM Datasheet HTML 4Page - Texas Instruments SM320C26BGBM Datasheet HTML 5Page - Texas Instruments SM320C26BGBM Datasheet HTML 6Page - Texas Instruments SM320C26BGBM Datasheet HTML 7Page - Texas Instruments SM320C26BGBM Datasheet HTML 8Page - Texas Instruments SM320C26BGBM Datasheet HTML 9Page - Texas Instruments SM320C26BGBM Datasheet HTML 10Page - Texas Instruments SM320C26BGBM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
SM320C26B
www.ti.com
SGUS069A – NOVEMBER 2012 – REVISED NOVEMBER 2012
3.3
Scaling Shifter
The SM320C26B scaling shifter has a 16-bit input connected to the data bus and a 32-bit output
connected to the ALU. The scaling shifter produces a left shift of 0 to 16 bits on the input data, as
programmed in the instruction. The LSBs of the output are filled with zeroes, and the MSBs can be either
filled with zeroes or sign-extended, depending upon the status programmed into the SXM (sign-extension
mode) bit of status register STO.
3.4
16 x 16-Bit Parallel Multiplier
The SM320C26B has a 16 x 16-bit hardware multiplier, which is capable of computing a signed or
unsigned 32-bit product in a single machine cycle. The multiplier has the following two associated
registers:
A 16-bit temporary register (TR) that holds one of the operands for the multiplier, and
A 32-bit product register (PR) that holds the product.
Incorporated into the SM320C26B instruction set are single-cycle multiply or accumulate instructions that
allow both operands to be processed simultaneously. The data for these operations can reside anywhere
in internal or external memory and can be transferred to the multiplier each cycle via the program and
data buses.
Four product shift modes are available at the product register (PR) output that are useful when performing
multiply or accumulate operations, fractional arithmetic, or justifying fractional products.
3.5
Timer
The SM320C26B provides a memory mapped 16-bit timer for control operations. The on-chip timer (TIM)
register is a down counter that is continuously clocked by CLKOUT1. A timer interrupt (TINT) is generated
every time the timer decrements to zero, provided the timer interrupt is enabled. The timer is reloaded with
the value contained in the period (PRD) register within the next cycle after it reaches zero so that
interrupts may be programmed to occur at regular intervals of PRD + 1 cycles of CLKOUT1.
3.6
Memory Control
The SM320C26B provides a total of 1568 16-bit words of on-chip data RAM, divided into three separate
blocks (B0, B1, and B2). Of the 1568 words, 32 words (block B2) are always data memory, and all other
blocks are programmable as either data or program memory. A data memory size of 1568 words allows
the SMJ320C26 to handle a data array of 1536 words, while still leaving 32 locations for intermediate
storage. When using B0, B1, or B3 as program memory, instructions can be downloaded from external
memory into on-chip RAM, and then executed.
When using on-chip program RAM, ROM, or high-speed external program memory, the SM320C26B runs
at full speed without wait states. However, the READY line can be used to interface the SM320C26B to
slower, less-expensive external memory. Downloading programs from slow off-chip memory to on-chip
program RAM speeds processing while cutting system costs.
The SM320C26B provides three separate address spaces for program memory, data memory, and I/O.
The on-chip memory is mapped into either the data memory or program memory space, depending upon
the choice of memory configuration.
The instruction configuration (parameter) is used as follows to configure the blocks B0, B1, and B3 as
program or as data memory.
Copyright © 2012, Texas Instruments Incorporated
Functional Overview
7
Submit Documentation Feedback
Product Folder Links: SM320C26B


Numéro de pièce similaire - SM320C26BGBM

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM320C26BGBM TI1-SM320C26BGBM Datasheet
616Kb / 40P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Description similaire - SM320C26BGBM

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com