Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2591HVSX-5.0 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LM2591HVSX-5.0
Description  SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2591HVSX-5.0 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM2591HVSX-5.0 Datasheet HTML 3Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 4Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 5Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 6Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 7Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 8Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 9Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 10Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
LM2591HV
www.ti.com
SNVS074E – MAY 2001 – REVISED MAY 2016
Product Folder Links: LM2591HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
7.9 Typical Characteristics
(Circuit of Test Circuits)
Figure 1. Normalized Output Voltage
Figure 2. Line Regulation
Figure 3. Efficiency
Figure 4. Switch Saturation Voltage
Figure 5. Switch Current Limit
Figure 6. Dropout Voltage


Numéro de pièce similaire - LM2591HVSX-5.0

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2591HVSX-5.0 TI-LM2591HVSX-5.0 Datasheet
3Mb / 29P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
More results

Description similaire - LM2591HVSX-5.0

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com