Moteur de recherche de fiches techniques de composants électroniques |
|
LM258A Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
LM258A Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 41 page LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V www.ti.com SLOS068T – JUNE 1976 – REVISED APRIL 2015 Electrical Characteristics for LM158A and LM258A (continued) at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM158A LM258A PARAMETER TEST CONDITIONS (1) TA (1) UNIT MIN TYP (2) MAX MIN TYP (2) MAX Average temperature αVIO coefficient of input Full range 7 15 (3) 7 15 µA/°C offset voltage 25°C 2 10 2 15 IIO Input offset current VO = 1.4 V nA Full range 30 30 Average temperature αIIO coefficient of input Full range 10 200 10 200 pA/°C offset current 25°C –15 –50 –15 –80 IIB Input bias current VO = 1.4 V nA Full range –100 –100 0 to 0 to 25°C VCC – 1.5 VCC – 1.5 Common-mode input VICR VCC = 30 V V voltage range 0 to 0 to Full range VCC – 2 VCC – 2 RL ≥ 2 kΩ 25°C VCC – 1.5 VCC – 1.5 High-level output VOH RL= 2kΩ Full range 26 26 V voltage VCC = 30 V RL≥ 10kΩ Full range 27 28 27 28 Low-level output VOL RL ≤ 10 kΩ Full range 5 20 5 20 mV voltage Large-signal 25°C 50 100 50 100 VCC = 15 V, VO = 1 V to 11 V, AVD differential voltage V/mV RL ≥ 2 kΩ Full range 25 25 amplification Common-mode CMRR 25°C 70 80 70 80 dB rejection ratio Supply-voltage rejection ratio kSVR 25°C 65 100 65 100 dB ( ΔVD /ΔVIO) Crosstalk VO1/ VO2 f = 1 kHz to 20 kHz 25°C 120 120 dB attenuation VCC = 15 V, 25°C –20 –30 –60 –20 –30 −60 VID = 1 V, Source Full range –10 –10 VO = 0 mA IO Output current VCC = 15 V, 25°C 10 20 10 20 VID = –1 V, Sink Full range 5 5 VO = 15 V VID = −1 V, VO = 200 mV 25°C 12 30 12 30 μA VCC at 5 V, GND at –5 V, Short-circuit IOS 25°C ±40 ±60 ±40 ±60 mA output current VO = 0 VO = 2.5 V, No load Full range 0.7 1.2 0.7 1.2 Supply current ICC mA VCC = MAX V, VO = 0.5 V, (four amplifiers) Full range 1 2 1 2 No load (3) On products compliant to MIL-PRF-38535, this parameter is not production tested. 6.8 Electrical Characteristics for LM358A at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM358A PARAMETER TEST CONDITIONS (1) TA (2) UNIT MIN TYP (3) MAX VCC = 5 V to 30 V, 25°C 2 3 VIO Input offset voltage VIC = VICR(min), mV Full range 5 VO = 1.4 V Average temperature coefficient αVIO Full range 7 20 µA/°C of input offset voltage 25°C 2 30 IIO Input offset current VO = 1.4 V nA Full range 75 Average temperature coefficient αIIO Full range 10 300 pA/°C of input offset current (1) All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for LM2904 and 30 V for others. (2) All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for LM2904 and 30 V for others. (3) All typical values are at TA = 25°C. Copyright © 1976–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM2904 LM2904V |
Numéro de pièce similaire - LM258A |
|
Description similaire - LM258A |