Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN7423 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce SN7423
Description  DUAL 4-INPUT NOR GATES WITH STROBE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN7423 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN7423 Datasheet HTML 6Page - Texas Instruments SN7423 Datasheet HTML 7Page - Texas Instruments SN7423 Datasheet HTML 8Page - Texas Instruments SN7423 Datasheet HTML 9Page - Texas Instruments SN7423 Datasheet HTML 10Page - Texas Instruments SN7423 Datasheet HTML 11Page - Texas Instruments SN7423 Datasheet HTML 12Page - Texas Instruments SN7423 Datasheet HTML 13Page - Texas Instruments SN7423 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
31-May-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SNJ5423W
OBSOLETE
16
TBD
Call TI
Call TI
-55 to 125
SNJ5425J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5425J
SNJ5425J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5425J
SNJ5425W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5425W
SNJ5425W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5425W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Numéro de pièce similaire - SN7423

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN7423 TI-SN7423 Datasheet
85Kb / 4P
[Old version datasheet]   DUAL 4-INPUT NOR GATES WITH STROBE
SN7423N TI-SN7423N Datasheet
85Kb / 4P
[Old version datasheet]   DUAL 4-INPUT NOR GATES WITH STROBE
More results

Description similaire - SN7423

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN5423 TI-SN5423 Datasheet
85Kb / 4P
[Old version datasheet]   DUAL 4-INPUT NOR GATES WITH STROBE
logo
National Semiconductor ...
DM7425 NSC-DM7425 Datasheet
93Kb / 2P
   Dual 4-Input NOR Gate (with Strobe)
logo
Aeroflex Circuit Techno...
UT54ACS4002 AEROFLEX-UT54ACS4002 Datasheet
230Kb / 9P
   Dual 4-Input NOR Gates
logo
Texas Instruments
SN54HC4002 TI1-SN54HC4002_09 Datasheet
298Kb / 9P
[Old version datasheet]   Dual 4-INPUT POSITIVE-NOR GATES
SN54HC4002 TI-SN54HC4002 Datasheet
270Kb / 8P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NOR GATES
logo
Fairchild Semiconductor
HD74LV2G02A FAIRCHILD-HD74LV2G02A Datasheet
82Kb / 9P
   Dual 2-input NOR Gates
logo
Renesas Technology Corp
HD74ALVC2G02 RENESAS-HD74ALVC2G02 Datasheet
86Kb / 10P
   Dual 2-input NOR Gates
HD74LV2G02A RENESAS-HD74LV2G02A Datasheet
82Kb / 9P
   Dual 2-input NOR Gates
HD74ALVC2G02 RENESAS-HD74ALVC2G02_15 Datasheet
111Kb / 12P
   Dual 2-input NOR Gates
logo
Texas Instruments
SN54S260 TI1-SN54S260_15 Datasheet
847Kb / 13P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com