Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD0345BS8500RF Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce AD0345BS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345BS8500RF Fiches technique(HTML) 13 Page - Texas Instruments

Back Button AD0345BS8500RF Datasheet HTML 9Page - Texas Instruments AD0345BS8500RF Datasheet HTML 10Page - Texas Instruments AD0345BS8500RF Datasheet HTML 11Page - Texas Instruments AD0345BS8500RF Datasheet HTML 12Page - Texas Instruments AD0345BS8500RF Datasheet HTML 13Page - Texas Instruments AD0345BS8500RF Datasheet HTML 14Page - Texas Instruments AD0345BS8500RF Datasheet HTML 15Page - Texas Instruments AD0345BS8500RF Datasheet HTML 16Page - Texas Instruments AD0345BS8500RF Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
Signal Descriptions (continued)
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
MULTICHANNEL BUFFERED SERIAL PORT 0 (McBSP0)
CLKS0
K18
I
Extended clock source (as opposed to internal)
CLKR0
L21
I/O/Z
Receive clock
CLKX0
K20
I/O/Z
Transmit clock
DR0
J21
I
Receive data
DX0
M21
O/Z
Transmit data
FSR0
P16
I/O/Z
Receive frame sync
FSX0
N16
I/O/Z
Transmit frame sync
RESERVED FOR TEST
RSV0
N21
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV1
K16
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV2
B13
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV3
B14
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV4
F13
I
Reserved for testing, pulldown with a dedicated 20-k
Ω resistor
RSV5
C15
O
Reserved (leave unconnected, do not connect to power or ground)
RSV6
F7
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV7
D7
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV8
B5
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV9
F16
O
Reserved (leave unconnected, do not connect to power or ground)
C14
C8
E19
E3
H11
H13
H9
J10
J12
J14
DVDD
J19
S
3.3-V supply voltage
J3
J8
K11
K13
K15
K7
K9
L10
L12
L14
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SMJ320C6701-SP


Numéro de pièce similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD004-00 ETC2-AD004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD004-00 RHOPOINT-AD004-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
   GaAs MMIC FET Transfer Switch DC-4 GHz
AD004T2-11 ALPHA-AD004T2-11 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Description similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SMJ320C6701-SP TI1-SMJ320C6701-SP Datasheet
791Kb / 60P
[Old version datasheet]   RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com