Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD0345BS8500RF Fiches technique(PDF) 42 Page - Texas Instruments

No de pièce AD0345BS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345BS8500RF Fiches technique(HTML) 42 Page - Texas Instruments

Back Button AD0345BS8500RF Datasheet HTML 38Page - Texas Instruments AD0345BS8500RF Datasheet HTML 39Page - Texas Instruments AD0345BS8500RF Datasheet HTML 40Page - Texas Instruments AD0345BS8500RF Datasheet HTML 41Page - Texas Instruments AD0345BS8500RF Datasheet HTML 42Page - Texas Instruments AD0345BS8500RF Datasheet HTML 43Page - Texas Instruments AD0345BS8500RF Datasheet HTML 44Page - Texas Instruments AD0345BS8500RF Datasheet HTML 45Page - Texas Instruments AD0345BS8500RF Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
SMJ320C6701-SP
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
www.ti.com
RESET TIMING
Timing Requirements for Reset
(see Figure 25)
NO.
MIN
MAX
UNIT
CLKOUT
Width of the RESET pulse (PLL stable)(1)
10(2)
1
1
tw(RESET)
cycles
Width of the RESET pulse (PLL needs to sync up)(3)
250(2)
μs
(1)
This parameter applies to CLKMODE x1 when CLKIN is stable and applies to CLKMODE x4 when CLKIN and PLL are stable.
(2)
This parameter is not tested.
(3)
This parameter only applies to CLKMODE x4. The RESET signal is not connected internally to the clock PLL circuit. The PLL, however,
may need up to 250
μs to stabilize following device powerup or after PLL configuration has been changed. During that time, RESET
must be asserted to ensure proper device operation. See the clock PLL section for PLL lock times.
Switching Characteristics During Reset
(1)
(see Figure 25)
NO.
PARAMETER
MIN
MAX
UNIT
CLKOUT1
2
tR(RESET)
Response time to change of value in RESET signal
1(2)
cycles
3
td(CKO1H–CKO2IV)
Delay time, CLKOUT1 high to CLKOUT2 invalid
–1(2)
ns
4
td(CKO1H–CKO2V)
Delay time, CLKOUT1 high to CLKOUT2 valid
10(2)
ns
5
td(CKO1H–SDCLKIV)
Delay time, CLKOUT1 high to SDCLK invalid
–1(2)
ns
6
td(CKO1H–SDCLKV)
Delay time, CLKOUT1 high to SDCLK valid
10(2)
ns
7
td(CKO1H–SSCKIV)
Delay time, CLKOUT1 high to SSCLK invalid
–1(2)
ns
8
td(CKO1H–SSCKV)
Delay time, CLKOUT1 high to SSCLK valid
10(2)
ns
9
td(CKO1H–LOWIV)
Delay time, CLKOUT1 high to low group invalid
–1(2)
ns
10
td(CKO1H–LOWV)
Delay time, CLKOUT1 high to low group valid
10(2)
ns
11
td(CKO1H–HIGHIV)
Delay time, CLKOUT1 high to high group invalid
–1(2)
ns
12
td(CKO1H–HIGHV)
Delay time, CLKOUT1 high to high group valid
10(2)
ns
13
td(CKO1H–ZHZ)
Delay time, CLKOUT1 high to Z group high impedance
–1(2)
ns
14
td(CKO1H–ZV)
Delay time, CLKOUT1 high to Z group valid
10(2)
ns
(1)
Low group consists of: IACK, INUM[3:0], DMAC[3:0], PD, TOUT0, and TOUT1.
High group consists of: HRDY and HINT.
Z group consists of: EA[21:2], ED[31:0], CE[3:0], BE[3:0], ARE, AWE, AOE, SSADS, SSOE, SSWE, SDA10, SDRAS, SDCAS, SDWE,
HD[15:0], CLKX0, CLKX1, FSX0, FSX1, DX0, DX1, CLKR0, CLKR1, FSR0, and FSR1.
(2)
This parameter is not tested
42
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: SMJ320C6701-SP


Numéro de pièce similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD004-00 ETC2-AD004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD004-00 RHOPOINT-AD004-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
   GaAs MMIC FET Transfer Switch DC-4 GHz
AD004T2-11 ALPHA-AD004T2-11 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Description similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SMJ320C6701-SP TI1-SMJ320C6701-SP Datasheet
791Kb / 60P
[Old version datasheet]   RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com