Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD0345BS8500RF Fiches technique(PDF) 35 Page - Texas Instruments

No de pièce AD0345BS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345BS8500RF Fiches technique(HTML) 35 Page - Texas Instruments

Back Button AD0345BS8500RF Datasheet HTML 31Page - Texas Instruments AD0345BS8500RF Datasheet HTML 32Page - Texas Instruments AD0345BS8500RF Datasheet HTML 33Page - Texas Instruments AD0345BS8500RF Datasheet HTML 34Page - Texas Instruments AD0345BS8500RF Datasheet HTML 35Page - Texas Instruments AD0345BS8500RF Datasheet HTML 36Page - Texas Instruments AD0345BS8500RF Datasheet HTML 37Page - Texas Instruments AD0345BS8500RF Datasheet HTML 38Page - Texas Instruments AD0345BS8500RF Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
BE1
BE2
BE3
BE4
A1
A2
A3
A4
D1
D2
D3
D4
16
15
10
9
14
13
6
5
4
3
2
1
SSCLK
CEx
BE[3:0]
EA[21:2]
ED[31:0]
SSADS
SSOE
SSWE
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
Figure 15. SBSRAM Write Timing (Full-Rate SSCLK)
Timing Requirements for Synchronous-Burst SRAM Cycles (Half-Rate SSCLK)
(seeFigure 16)
NO.
MIN
MAX
UNIT
7
tsu(EDV–SSCLKH)
Setup time, read EDx valid before SSCLK high
3.8
ns
8
th(SSCLKH–EDV)
Hold time, read EDx valid after SSCLK high
1.5
ns
Switching Characteristics for Synchronous-Burst SRAM Cycles
(1) (Half-Rate SSCLK)
(see Figure 16 and Figure 17)
NO.
PARAMETER
MIN
MAX
UNIT
1
tosu(CEV–SSCLKH)
Output setup time, CEx valid before SSCLK high
1.5P – 5.5
ns
2
toh(SSCLKH–CEV)
Output hold time, CEx valid after SSCLK high
0.5P – 2.3
ns
3
tosu(BEV–SSCLKH)
Output setup time, BEx valid before SSCLK high
1.5P – 5.5
ns
4
toh(SSCLKH–BEIV)
Output hold time, BEx invalid after SSCLK high
0.5P – 2.3
ns
5
tosu(EAV–SSCLKH)
Output setup time, EAx valid before SSCLK high
1.5P – 5.5
ns
6
toh(SSCLKH–EAIV)
Output hold time, EAx invalid after SSCLK high
0.5P – 2.3
ns
9
tosu(ADSV–SSCLKH)
Output setup time, SSADS valid before SSCLK high
1.5P – 5.5
ns
10
toh(SSCLKH–ADSV)
Output hold time, SSADS valid after SSCLK high
0.5P – 2.3
ns
11
tosu(OEV–SSCLKH)
Output setup time, SSOE valid before SSCLK high
1.5P – 5.5
ns
12
toh(SSCLKH–OEV)
Output hold time, SSOE valid after SSCLK high
0.5P – 2.3
ns
13
tosu(EDV–SSCLKH)
Output setup time, EDx valid before SSCLK high
1.5P – 5.5
ns
14
toh(SSCLKH–EDIV)
Output hold time, EDx invalid after SSCLK high
0.5P – 2.3
ns
15
tosu(WEV–SSCLKH)
Output setup time, SSWE valid before SSCLK high
1.5P – 5.5
ns
16
toh(SSCLKH–WEV)
Output hold time, SSWE valid after SSCLK high
0.5P – 2.3
ns
(1)
The effects of internal clock jitter are included at test. There is no need to adjust timing numbers for internal clock jitter. When the PLL is
used (CLKMODE x4), P = 1/CPU clock frequency in ns. For example, when running parts at 140 MHz, use P = 7 ns.
For CLKMODE x1:
1.5P = P + PH, where P = 1/CPU clock frequency, and PH = pulse duration of CLKIN high.
0.5P = PL, where PL = pulse duration of CLKIN low.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: SMJ320C6701-SP


Numéro de pièce similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD004-00 ETC2-AD004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD004-00 RHOPOINT-AD004-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
   GaAs MMIC FET Transfer Switch DC-4 GHz
AD004T2-11 ALPHA-AD004T2-11 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Description similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SMJ320C6701-SP TI1-SMJ320C6701-SP Datasheet
791Kb / 60P
[Old version datasheet]   RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com