Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD0345BS8500RF Fiches technique(PDF) 31 Page - Texas Instruments

No de pièce AD0345BS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345BS8500RF Fiches technique(HTML) 31 Page - Texas Instruments

Back Button AD0345BS8500RF Datasheet HTML 27Page - Texas Instruments AD0345BS8500RF Datasheet HTML 28Page - Texas Instruments AD0345BS8500RF Datasheet HTML 29Page - Texas Instruments AD0345BS8500RF Datasheet HTML 30Page - Texas Instruments AD0345BS8500RF Datasheet HTML 31Page - Texas Instruments AD0345BS8500RF Datasheet HTML 32Page - Texas Instruments AD0345BS8500RF Datasheet HTML 33Page - Texas Instruments AD0345BS8500RF Datasheet HTML 34Page - Texas Instruments AD0345BS8500RF Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
4
3
2
1
CLKOUT1
SSCLK
SSCLK (1/2rate)
CLKOUT2
SDCLK
CLKOUT2
1
2
3
4
4
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
Switching Characteristics for CLKOUT2
(1)
(see Figure 10)
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(CKO2)
Cycle time, CLKOUT2
2P – 0.7(2) 2P + 0.7(2)
ns
2
tw(CKO2H)
Pulse duration, CLKOUT2 high
P – 0.7(2)
P + 0.7(2)
ns
3
tw(CKO2L)
Pulse duration, CLKOUT2 low
P – 0.7(2)
P + 0.7(2)
ns
4
tt(CKO2)
Transition time, CLKOUT2
0.6(2)
ns
(1)
P = 1/CPU clock frequency in ns.
(2)
This parameter is not tested.
Figure 10. CLKOUT2 Timing
SDCLK, SSCLK Timing Parameter
SDCLK timing parameters are the same as CLKOUT2 parameters.
SSCLK timing parameters are the same as CLKOUT1 or CLKOUT2 parameters, depending on SSCLK
configuration.
Switching Characteristics for the Relation of SSCLK, SDCLK, and CLKOUT2 to CLKOUT1
(see Figure 11)
NO.
PARAMETER
MIN
MAX
UNIT
1
td(CKO1–SSCLK)
Delay time, CLKOUT1 edge to SSCLK edge
–0.8
3.4
ns
2
td(CKO1–SSCLK1/2)
Delay time, CLKOUT1 edge to SSCLK edge (1/2 clock rate)
–1
3
ns
3
td(CKO1–CKO2)
Delay time, CLKOUT1 edge to CLKOUT2 edge
–1.5
2.5
ns
4
td(CKO1–SDCLK)
Delay time, CLKOUT1 edge to SDCLK edge
–1.5
1.9
ns
Figure 11. Relation of CLKOUT2, SDCLK, and SSCLK to CLKOUT1
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: SMJ320C6701-SP


Numéro de pièce similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD004-00 ETC2-AD004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD004-00 RHOPOINT-AD004-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
   GaAs MMIC FET Transfer Switch DC-4 GHz
AD004T2-11 ALPHA-AD004T2-11 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Description similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SMJ320C6701-SP TI1-SMJ320C6701-SP Datasheet
791Kb / 60P
[Old version datasheet]   RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com