Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD0345BS8500RF Fiches technique(PDF) 25 Page - Texas Instruments

No de pièce AD0345BS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345BS8500RF Fiches technique(HTML) 25 Page - Texas Instruments

Back Button AD0345BS8500RF Datasheet HTML 21Page - Texas Instruments AD0345BS8500RF Datasheet HTML 22Page - Texas Instruments AD0345BS8500RF Datasheet HTML 23Page - Texas Instruments AD0345BS8500RF Datasheet HTML 24Page - Texas Instruments AD0345BS8500RF Datasheet HTML 25Page - Texas Instruments AD0345BS8500RF Datasheet HTML 26Page - Texas Instruments AD0345BS8500RF Datasheet HTML 27Page - Texas Instruments AD0345BS8500RF Datasheet HTML 28Page - Texas Instruments AD0345BS8500RF Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
CLKMODE0
CLKMODE1
PLL
PLLV
CLKIN
LOOP FILTER
PLLCLK
PLLMULT
CLKIN
Internal to ’C6701
CPU
CLOCK
1
0
3.3V
See Table 3
PLLFREQ1
PLLFREQ2
PLLFREQ3
CLKMODE0
CLKMODE1
PLL
PLLV
CLKIN
LOOP FILTER
PLLCLK
PLLMULT
CLKIN
C2
Internal to ’C6701
CPU
CLOCK
C1
R1
3.3V
10 mF
0.1 mF
C3
C4
1
0
See Table 3
PLLFREQ1
PLLFREQ2
PLLFREQ3
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
AVAILABLE MULTIPLY FACTORS
CPU CLOCK FREQUENCY
CLKMODE1
CLKMODE0
PLL MULTIPLY FACTORS
F(CPUCLOCK)
0
1
Reserved
Reserved
1
0
Reserved
Reserved
1
1
x4
4 x f(CLKIN)
(1)
Keep the lead length and the number of vias between the PLLF pin, the PLLG pin, and R1, C1, and C2 to a minimum.
In addition, place all PLL external components (R1, C1, C2, C3, C4, and the EMI filter) as close to the ’C6000 device
as possible. For the best performance, TI recommends that all the PLL external components be on a single side of
the board without jumpers, switches, or components other than the ones shown.
(2)
For reduced PLL jitter, maximize the spacing between switching signals and the PLL external components (R1, C1,
C2, C3, C4, and the EMI filter).
(3)
The 3.3-V supply for the EMI filter must be from the same 3.3-V power plane supplying the I/O voltage, DVDD.
Figure 5. External PLL Circuitry for Either PLL ×4 Mode or ×1 (Bypass) Mode
(1)
For a system with ONLY PLL x1 (bypass) mode, short the PLLF terminal to the PLLG terminal.
(2)
The 3.3-V supply for the EMI filter must be from the same 3.3-V power plane supplying the I/O voltage, DVDD.
Figure 6. External PLL Circuitry for ×1 (Bypass) Mode Only
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: SMJ320C6701-SP


Numéro de pièce similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD004-00 ETC2-AD004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD004-00 RHOPOINT-AD004-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
   GaAs MMIC FET Transfer Switch DC-4 GHz
AD004T2-11 ALPHA-AD004T2-11 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Description similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SMJ320C6701-SP TI1-SMJ320C6701-SP Datasheet
791Kb / 60P
[Old version datasheet]   RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com